Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85310I-21 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS85310I-21
Description  LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS85310I-21 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS85310I-21 Datasheet HTML 9Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 10Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 11Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 12Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 13Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 14Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 15Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 16Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
85310I-21 Data Sheet
©2016 Integrated Device Technology, Inc
June 24, 2016
14
TABLE 9. ORDERING INFORMATION
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
85310AYI-21LN
ICS85310AI21N
32 lead “Lead Free Annealed” LQFP
Tray
-40°C to +85°C
85310AYI-21LNT
ICS85310AI21N
32 lead “Lead Free Annealed” LQFP
Tape and Reel
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com