Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85411AMILF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 85411AMILF
Description  Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85411AMILF Datasheet(HTML) 3 Page - Renesas Technology Corp

  85411AMILF Datasheet HTML 1Page - Renesas Technology Corp 85411AMILF Datasheet HTML 2Page - Renesas Technology Corp 85411AMILF Datasheet HTML 3Page - Renesas Technology Corp 85411AMILF Datasheet HTML 4Page - Renesas Technology Corp 85411AMILF Datasheet HTML 5Page - Renesas Technology Corp 85411AMILF Datasheet HTML 6Page - Renesas Technology Corp 85411AMILF Datasheet HTML 7Page - Renesas Technology Corp 85411AMILF Datasheet HTML 8Page - Renesas Technology Corp 85411AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
85411I Data Sheet
©2016 Integrated Device Technology, Inc
Revision B January 20, 2016
3
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
DD
= 3.3V±10%, TA = -40°C TO 85°C
TABLE 3B. DIFFERENTIAL DC CHARACTERISTICS, V
DD
= 3.3V±10%, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Positive Supply Voltage
2.97
3.3
3.63
V
I
DD
Power Supply Current
50
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
CLK
V
DD
= V
IN
= 3.63V
5
µA
nCLK
V
DD
= V
IN
= 3.63V
150
µA
I
IL
Input Low Current
CLK
V
DD
= 3.63, V
IN
= 0V
-150
µA
nCLK
V
DD
= 3.63V, V
IN
= 0V
-5
µA
V
PP
Peak-to-Peak Input Voltage; NOTE 1
0.15
1.3
V
V
CMR
Common Mode Input Voltage; NOTE 1, 2
0.5
V
DD
- 0.85
V
NOTE 1: V
IL
should not be less than -0.3V.
NOTE 2: Common mode voltage is defined as V
IH
.
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
TABLE 3C. LVDS DC CHARACTERISTICS, V
DD
= 3.3V±10%, TA = -40°C TO 85°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD
+ 0.5V
Outputs, I
O
Continuous Current
10mA
Surge Current
15mA
Package Thermal Impedance,
θ
JA
112.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OD
Differential Output Voltage
247
325
454
mV
Δ V
OD
VOD Magnitude Change
0
50
mV
V
OS
Offset Voltage
1.325
1.45
1.575
V
Δ V
OS
VOS Magnitude Change
5
50
mV
I
OFF
Power Off Leakage
-20
±1
+20
µA
I
OSD
Differential Output Short Circuit Current
-3.5
-5
mA
I
OS
Output Short Circuit Current
-3.5
-5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com