Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87016AYILFT Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS87016AYILFT
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87016AYILFT Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS87016AYILFT Datasheet HTML 1Page - Renesas Technology Corp ICS87016AYILFT Datasheet HTML 2Page - Renesas Technology Corp ICS87016AYILFT Datasheet HTML 3Page - Renesas Technology Corp ICS87016AYILFT Datasheet HTML 4Page - Renesas Technology Corp ICS87016AYILFT Datasheet HTML 5Page - Renesas Technology Corp ICS87016AYILFT Datasheet HTML 6Page - Renesas Technology Corp ICS87016AYILFT Datasheet HTML 7Page - Renesas Technology Corp ICS87016AYILFT Datasheet HTML 8Page - Renesas Technology Corp ICS87016AYILFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET
Low Skew, 1-to-16
LVCMOS/LVTTL Clock Generator
87016I
January 22, 2020
1
©2020 Renesas Electronics Corporation
Description
The 87016I is a low skew, 1:16 LVCMOS/LVTTL Clock Generator.
The device has four banks of four outputs and each bank can be
independently selected for
1 or 2 frequency operation. Each bank
also has its own power supply pins so that the banks can operate at
the following different voltage levels: 3.3V, 2.5V, and 1.8V. The low
impedance LVCMOS/LVTTL outputs are designed to drive 50
series or parallel terminated transmission lines.
The divide select inputs, DIV_SELA:DIV_SELD, control the output
frequency of each bank. The output banks can be independently
selected for
1 or 2 operation. The bank enable inputs,
CLK_ENA:CLK_END, support enabling and disabling each bank of
outputs individually. The CLK_ENA:CLK_END circuitry has a
synchronizer to prevent runt pulses when enabling or disabling the
clock outputs. The master reset input, MR/OE, resets the
1/2 flip
flops and also controls the active and high impedance states of all
outputs. This pin has an internal pull-up resistor and is normally used
only for test purposes or in systems which use low power modes.
The 87016I is characterized to operate with the core at 3.3V or 2.5V
and the banks at 3.3V, 2.5V, or 1.8V. Guaranteed bank, output, and
part-to-part skew characteristics make the 87016I ideal for those
clock applications demanding well-defined performance and
repeatability.
Features
• Sixteen LVCMOS/LVTTL outputs (4 banks of 4 outputs)
• Selectable differential CLK1/CLK1 or LVCMOS/LVTTL clock input
• CLK1, CLK1 pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• CLK0 supports the following input types: LVCMOS, LVTTL
• Maximum output frequency: 250MHz
• Independent bank control for ÷1 or ÷2 operation
• Independent output bank voltage settings for 3.3V, 2.5V, or 1.8V
operation
• Asynchronous clock enable/disable
• Output skew: 170ps (maximum)
• Bank skew: 50ps (maximum
• Part-to-Part Skew: 800ps (maximum)
• Supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Lead-free packaging
Block Diagram
Pin Assignment
87016I
48-LQFP
7 × 7 × 1.4 mm package body
Y Package
Top View
MR/OE
CLK0
CLK1
CLK1
CLK_SEL
DIV_SELA
DIV_SELB
DIV_SELC
DIV_SELD
CLK_ENA
CLK_ENB
CLK_ENC
CLK_END
QA0:QA3
QB0:QB3
QC0:QC3
QD0:QD3
0
1
1
0
1
0
1
0
1
0
÷1
÷2
4
4
4
4
LE
LE
LE
LE
D
D
D
D
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VDD
CLK0
DIV_SELA
DIV_SELB
DIV_SELC
DIV_SELD
CLK_ENA
CLK_ENB
CLK_ENC
CLK_END
MR/OE
GND
GND
QB0
VDDOB
QB1
GND
QB2
VDDOB
QB3
GND
QC0
VDDOC
QC1
48 47 46 45 44 43 42 41 40 39 38 37


Similar Part No. - ICS87016AYILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. B AUGUST 2, 2001
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701-01Y ICST-ICS8701-01Y Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701-01YT ICST-ICS8701-01YT Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701CY ICST-ICS8701CY Datasheet
131Kb / 15P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. B AUGUST 2, 2001
More results

Similar Description - ICS87016AYILFT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C487016 PERICOM-PI6C487016 Datasheet
425Kb / 8P
Low Skew, 1-to-16 LVCMOS / LVTTL Clock Driver
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
879893 IDT-879893 Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
87016 IDT-87016 Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
ICS87008I IDT-ICS87008I Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
879893 RENESAS-879893 Datasheet
398Kb / 17P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
January 10, 2017
87008I RENESAS-87008I Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. B JULY 31, 2010
87016 RENESAS-87016 Datasheet
865Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
01/21/20
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
8701 RENESAS-8701 Datasheet
373Kb / 14P
Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com