Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87993AYILF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 87993AYILF
Description  1-to-5 Differential-to-3.3V LVPECL PLL Clock Driver W/Dynamic Clock Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87993AYILF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 87993AYILF Datasheet HTML 6Page - Renesas Technology Corp 87993AYILF Datasheet HTML 7Page - Renesas Technology Corp 87993AYILF Datasheet HTML 8Page - Renesas Technology Corp 87993AYILF Datasheet HTML 9Page - Renesas Technology Corp 87993AYILF Datasheet HTML 10Page - Renesas Technology Corp 87993AYILF Datasheet HTML 11Page - Renesas Technology Corp 87993AYILF Datasheet HTML 12Page - Renesas Technology Corp 87993AYILF Datasheet HTML 13Page - Renesas Technology Corp 87993AYILF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL
PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
87993I DATA SHEET
10
REVISION C 2/18/15
FIGURE 5B. PCB BOARD LAYOUT FOR 87993I
The following component footprints are used in this layout
example:
All the resistors and capacitors are size 0603.
POWER AND GROUNDING
Place the decoupling capacitors as close as possible to the pow-
er pins. If space allows, placement of the decoupling capacitor
on the component side is preferred. This can reduce unwanted
inductance between the decoupling capacitor and the power
pin caused by the via.
Maximize the power and ground pad sizes and number of vias
capacitors. This can reduce the inductance between the power
and ground planes and the component power and ground pins.
The RC filter consisting of R7, C11, and C16 should be placed
as close to the V
DDA pin as possible.
CLOCK TRACES AND TERMINATION
Poor signal integrity can degrade the system performance or
cause system failure. In synchronous high-speed digital sys-
tems, the clock signal is less tolerant to poor signal integrity
than other signals. Any ringing on the rising or falling edge or
excessive ring back can cause system failure. The shape of the
trace and the trace delay might be restricted by the available
space on the board and the component location. While routing
the traces, the clock signal traces should be routed first and
should be locked prior to routing other signal traces.
• The differential 50
Ω output traces should have same
length.
• Avoid sharp angles on the clock trace. Sharp angle turns
cause the characteristic impedance to change on the trans-
mission lines.
• Keep the clock traces on the same layer. Whenever pos-
sible, avoid placing vias on the clock traces. Placement of
vias on the traces can affect the trace characteristic imped-
ance and hence degrade signal integrity.
• To prevent cross talk, avoid routing other signal traces in
parallel with the clock traces. If running parallel traces is un-
avoidable, allow a separation of at least three trace widths
between the differential clock trace and the other signal
trace.
• Make sure no other signal traces are routed between the
clock trace pair.
• The series termination resistors should be located as
close to the driver pins as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com