Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2701-1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS2701-1
Description  HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2701-1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS2701-1 Datasheet HTML 1Page - Renesas Technology Corp PS2701-1 Datasheet HTML 2Page - Renesas Technology Corp PS2701-1 Datasheet HTML 3Page - Renesas Technology Corp PS2701-1 Datasheet HTML 4Page - Renesas Technology Corp PS2701-1 Datasheet HTML 5Page - Renesas Technology Corp PS2701-1 Datasheet HTML 6Page - Renesas Technology Corp PS2701-1 Datasheet HTML 7Page - Renesas Technology Corp PS2701-1 Datasheet HTML 8Page - Renesas Technology Corp PS2701-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PS2701-1 Data Sheet
R08DS0094EJ0401 Rev.4.01
Page 2 of 14
July 19, 2019
PACKAGE DIMENSIONS (UNIT: mm)
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
5 mm
Creepage Distance
5 mm
Isolation Distance
0.3 mm
4.0±0.5
7.0±0.3
4.4
0.5±0.3
2.54
0.4 +0.10
–0.05
0.25 M
1
2
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com