Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

165RHT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 165RHT
Description  Aluminium electrolytic capacitors Radial High Temperature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

165RHT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 165RHT Datasheet HTML 2Page - NXP Semiconductors 165RHT Datasheet HTML 3Page - NXP Semiconductors 165RHT Datasheet HTML 4Page - NXP Semiconductors 165RHT Datasheet HTML 5Page - NXP Semiconductors 165RHT Datasheet HTML 6Page - NXP Semiconductors 165RHT Datasheet HTML 7Page - NXP Semiconductors 165RHT Datasheet HTML 8Page - NXP Semiconductors 165RHT Datasheet HTML 9Page - NXP Semiconductors 165RHT Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
1998 Jan 29
303
Philips Components
Maintenance type
Aluminium electrolytic capacitors
Radial High Temperature
165 RHT
R
Table 3
Multiplier of ripple current (IR/IRO) as a function of frequency; IRO = ripple current at 100 Hz; see Fig.9
SPECIFIC TESTS AND REQUIREMENTS
General tests and requirements are specified in this handbook, Section
“Tests and Requirements”.
Table 4
Test procedures and requirements
FREQUENCY
(Hz)
IR MULTIPLIER
UR =10to25V
UR =35or40V
UR =50V
50
0.85
0.80
0.75
100
1.00
1.00
1.00
300
1.20
1.25
1.30
1000
1.30
1.40
1.50
3000
1.35
1.50
1.65
≥10000
1.40
1.60
1.80
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 384-4/
CECC 30300
subclause 4.13
Tamb = 125 °C; UR applied;
1000 hours
∆C/C: ±15%
tan
δ≤ 1.3 × spec. limit
Z
≤ 2 × spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 125 °C; UR and IR applied;
1500 hours
∆C/C: ±45%
tan
δ≤ 3 × spec. limit
Z
≤ 3 × spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤1%
Shelf life
IEC 384-4/
CECC 30300
subclause 4.17
Tamb = 125 °C; no voltage applied;
500 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
∆C/C: ±15%
tan
δ≤ 1.3 × spec. limit
Z
≤ 2 × spec. limit
IL5 ≤ 2 × spec. limit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com