Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89C51RB2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 89C51RB2
Description  80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89C51RB2 Datasheet(HTML) 3 Page - NXP Semiconductors

  89C51RB2 Datasheet HTML 1Page - NXP Semiconductors 89C51RB2 Datasheet HTML 2Page - NXP Semiconductors 89C51RB2 Datasheet HTML 3Page - NXP Semiconductors 89C51RB2 Datasheet HTML 4Page - NXP Semiconductors 89C51RB2 Datasheet HTML 5Page - NXP Semiconductors 89C51RB2 Datasheet HTML 6Page - NXP Semiconductors 89C51RB2 Datasheet HTML 7Page - NXP Semiconductors 89C51RB2 Datasheet HTML 8Page - NXP Semiconductors 89C51RB2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Philips Semiconductors
Preliminary specification
89C51RB2/89C51RC2/
89C51RD2
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
1999 Sep 23
3
ORDERING INFORMATION
PHILIPS
(EXCEPT NORTH
AMERICA)
PHILIPS
NORTH
MEMORY
TEMPERATURE
VOLTAGE
FREQUENCY (MHz)
AMERICA)
PART ORDER
NUMBER
PART MARKING
AMERICA
PART ORDER
NUMBER
FLASH
RAM
RANGE (
°C)
AND PACKAGE
VOLTAGE
RANGE
6 CLOCK
MODE
12 CLOCK
MODE
DWG #
1
P89C51RB2HBP
P89C51RB2BP
16 kB
512 B
0 to +70, PDIP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT129-1
2
P89C51RB2HFP
P89C51RB2FP
16 kB
512 B
–40 to +85, PDIP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT129-1
3
P89C51RB2HBA
P89C51RB2BA
16 kB
512 B
0 to +70, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
4
P89C51RB2HFA
P89C51RB2FA
16 kB
512 B
–40 to +85, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
5
P89C51RB2HBB
P89C51RB2BB
16 kB
512 B
0 to +70, PQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT307-2
6
P89C51RB2HFB
P89C51RB2FB
16 kB
512 B
–40 to +85, PQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT307-2
7
P89C51RC2HBP
P89C51RC2BP
32 kB
512 B
0 to +70, PDIP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT129-1
8
P89C51RC2HFP
P89C51RC2FP
32 kB
512 B
–40 to +85, PDIP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT129-1
9
P89C51RC2HBA
P89C51RC2BA
32 kB
512 B
0 to +70, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
10
P89C51RC2HFA
P89C51RC2FA
32 kB
512 B
–40 to +85, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
11
P89C51RC2HBB
P89C51RC2BB
32 kB
512 B
0 to +70, PQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT307-2
12
P89C51RC2HFB
P89C51RC2FB
32 kB
512 B
–40 to +85, PQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT307-2
13
P89C51RD2HBP
P89C51RD2BP
64 kB
1 kB
0 to +70, PDIP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT129-1
14
P89C51RD2HFP
P89C51RD2FP
64 kB
1 kB
–40 to +85, PDIP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT129-1
15
P89C51RD2HBA
P89C51RD2BA
64 kB
1 kB
0 to +70, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
16
P89C51RD2HFA
P89C51RD2FA
64 kB
1 kB
–40 to +85, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
17
P89C51RD2HBB
P89C51RD2BB
64 kB
1 kB
0 to +70, PQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT307-2
18
P89C51RD2HFB
P89C51RD2FB
64 kB
1 kB
–40 to +85, PQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com