Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC762 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P87LPC762
Description  Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC762 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P87LPC762 Datasheet HTML 6Page - NXP Semiconductors P87LPC762 Datasheet HTML 7Page - NXP Semiconductors P87LPC762 Datasheet HTML 8Page - NXP Semiconductors P87LPC762 Datasheet HTML 9Page - NXP Semiconductors P87LPC762 Datasheet HTML 10Page - NXP Semiconductors P87LPC762 Datasheet HTML 11Page - NXP Semiconductors P87LPC762 Datasheet HTML 12Page - NXP Semiconductors P87LPC762 Datasheet HTML 13Page - NXP Semiconductors P87LPC762 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Philips Semiconductors
Preliminary data
87LPC762
Low power, low price, low pin count (20 pin)
microcontroller with 2 kbyte OTP
2001 Oct 26
7
Name
Reset
Value
Bit Functions and Addresses
MSB
LSB
SFR
Address
Description
IP1H#
Interrupt priority 1 high
byte
F7h
PTIH
–
PC1H
–
–
PC2H
PKBH
PI2H
00h1
KBI#
Keyboard Interrupt
86h
00h
87
86
85
84
83
82
81
80
P0*
Port 0
80h
T1
CMP1
CMPREF
CIN1A
CIN1B
CIN2A
CIN2B
CMP2
Note 2
97
96
95
94
93
92
91
90
P1*
Port 1
90h
(P1.7)
(P1.6)
RST
INT1
INT0
T0
RxD
TxD
Note 2
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0h
–
–
–
–
–
–
X1
X2
Note 2
P0M1#
Port 0 output mode 1
84h
(P0M1.7)
(P0M1.6)
(P0M1.5)
(P0M1.4) (P0M1.3) (P0M1.2)
(P0M1.1)
(P0M1.0)
00h
P0M2#
Port 0 output mode 2
85h
(P0M2.7)
(P0M2.6)
(P0M2.5)
(P0M2.4) (P0M2.3) (P0M2.2)
(P0M2.1)
(P0M2.0)
00H
P1M1#
Port 1 output mode 1
91h
(P1M1.7)
(P1M1.6)
–
(P1M1.4)
–
–
(P1M1.1)
(P1M1.0)
00h1
P1M2#
Port 1 output mode 2
92h
(P1M2.7)
(P1M2.6)
–
(P1M2.4)
–
–
(P1M2.1)
(P1M2.0)
00h1
P2M1#
Port 2 output mode 1
A4h
P2S
P1S
P0S
ENCLK
T1OE
T0OE
(P2M1.1)
(P2M1.0)
00h
P2M2#
Port 2 output mode 2
A5h
–
–
–
–
–
–
(P2M2.1)
(P2M2.0)
00h1
PCON
Power control register
87h
SMOD1
SMOD0
BOF
POF
GF1
GF0
PD
IDL
Note 3
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0h
CY
AC
F0
RS1
RS0
OV
F1
P
00h
PT0AD#
Port 0 digital input disable
F6h
00h
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port control
98h
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00h
SBUF
Serial port data buffer
register
99h
xxh
SADDR#
Serial port address
register
A9h
00h
SADEN#
Serial port address enable
B9h
00h
SP
Stack pointer
81h
07h
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer 0 and 1 control
88h
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00h
TH0
Timer 0 high byte
8Ch
00h
TH1
Timer 1 high byte
8Dh
00h
TL0
Timer 0 low byte
8Ah
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com