Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9613 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS9613
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9613 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9613 Datasheet HTML 1Page - Renesas Technology Corp PS9613 Datasheet HTML 2Page - Renesas Technology Corp PS9613 Datasheet HTML 3Page - Renesas Technology Corp PS9613 Datasheet HTML 4Page - Renesas Technology Corp PS9613 Datasheet HTML 5Page - Renesas Technology Corp PS9613 Datasheet HTML 6Page - Renesas Technology Corp PS9613 Datasheet HTML 7Page - Renesas Technology Corp PS9613 Datasheet HTML 8Page - Renesas Technology Corp PS9613 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS9613,PS9613L,PS9613L1,PS9613L2
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE
INTELLIGENT POWER MODULE
8-PIN DIP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10073EJ03V0DS (3rd edition)
Date Published May 2006 NS CP(K)
Printed in Japan
1998, 2006
DESCRIPTION
The PS9613 and PS9613L are optically coupled isolators containing a GaAlAs LED on the input side and a photo
diode and a signal processing circuit on the output side on one chip.
The PS9613 is in a plastic DIP (Dual In-line Package) and the PS9613L is lead bending type (Gull-wing) for surface
mounting.
The PS9613L1 is lead bending type for long creepage distance.
The PS9613L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
• High common mode transient immunity (CMH, CML =
±15 kV/
µs MIN.)
• High-speed response (tPHL = 500 ns MAX., tPLH = 750 ns MAX.)
• Maximum propagation delays (tPLH
− tPHL = 270 ns TYP.)
• Pulse width distortion ( | tPHL
− tPLH | = 270 ns TYP.)
• Ordering number of tape product : PS9613L-E3, E4: 1 000 pcs/reel
: PS9613L2-E3, E4: 1 000 pcs/reel
• Safety standards
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved (Option)
APPLICATIONS
• IPM Driver
• General purpose inverter
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com