Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC15 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AC15
Description  Cemented wirewound resistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC15 Datasheet(HTML) 1 Page - NXP Semiconductors

  AC15 Datasheet HTML 1Page - NXP Semiconductors AC15 Datasheet HTML 2Page - NXP Semiconductors AC15 Datasheet HTML 3Page - NXP Semiconductors AC15 Datasheet HTML 4Page - NXP Semiconductors AC15 Datasheet HTML 5Page - NXP Semiconductors AC15 Datasheet HTML 6Page - NXP Semiconductors AC15 Datasheet HTML 7Page - NXP Semiconductors AC15 Datasheet HTML 8Page - NXP Semiconductors AC15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATA SHEET
Product specification
Supersedes data of 17th November 1998
File under BCcomponents, BC08
2000 Oct 20
BCcomponents
AC01/03/04/05/07/10/15/20
Cemented wirewound resistors


Similar Part No. - AC15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC15 ETC1-AC15 Datasheet
398Kb / 24P
Cemented wirewound resitors
logo
YAGEO Corporation
AC15 YAGEO-AC15 Datasheet
118Kb / 22P
Cemented wirewound resistors
1998 Nov 18
logo
Anachip Corp
AC1501 ANACHIP-AC1501 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
logo
Intronics Power, Inc.
AC1501S INTRONICS-AC1501S Datasheet
425Kb / 1P
10/15 WATT OPEN FRAME AC-DC MODULES
AC1502S INTRONICS-AC1502S Datasheet
425Kb / 1P
10/15 WATT OPEN FRAME AC-DC MODULES
More results

Similar Description - AC15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACSERIES VISHAY-ACSERIES Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
Cemented Wirewound Precision Resistors
06-Oct-11
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000002709JAC00 VISHAY-AC05000002709JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC03000001009JAC00 VISHAY-AC03000001009JAC00 Datasheet
152Kb / 9P
Cemented Wirewound Resistors
13-Jan-14
Z300 VISHAY-Z300_15 Datasheet
188Kb / 5P
Axial Cemented Wirewound Resistors
24-Feb-14
AC-AT VISHAY-AC-AT_V01 Datasheet
251Kb / 12P
Cemented Leaded Wirewound Resistors
07-Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com