Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL445 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CL445
Description  HVAC CLAMP METER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CL445 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CL445 Datasheet HTML 1Page - List of Unclassifed Manufacturers CL445 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2022 Klein Tools, Inc.
Lincolnshire, IL 60069
5001748
CAT IV
600V
CAT III
750V
www.kleintools.com
See our complete line of Test & Measurement Products
CL445 HVAC CLAMP METER
Klein Tools CL445 is an advanced HVAC clamp meter with
auto-ranging true root mean square (TRMS) for maximum accuracy.
The meter measures AC current and inrush via the clamp, AC/DC voltage,
DC microamps, resistance, continuity, frequency, capacitance, and tests
diodes via test-leads, and temperature via a thermocouple probe. High
visibility backlit LCD has V+A function to simultaneously monitor voltage
and current.
Worklight illuminates
low-light areas
Test Lead Holder
NCV Sensing Antenna
detects presence of
AC voltage
Test Lead
Input Jacks
Clamp Trigger
Includes:
• Right-angle Input Test Leads
• Push-on Alligator Clips
• K-Type Thermocouple
• Storage Pouch
• Instruction Manual
• 3 AAA Batteries
Arrow Markings
for optimal wire
placement
NCVT Light for
visual alarm of
AC voltage
Data HOLD on/
off button
Function
Selection Switch
Function
Buttons
High visibility
backlit display
for optimal
viewability
K-Type
Thermocouple
Inputs
Temperature/
Voltage input
switch
Cat. No. UPC#
0-92644+
Description
Height
Length
Width
Weight
CL445
69378-6
HVAC Clamp Meter 1.59" (4.0 cm) 9.24" (23.5 cm)
3.7 (9.5 cm)
12.6 oz (36 g)
Visit www.kleintools.com for warnings and instructions.
Measurement
CL445
True RMS
AC Voltage
750V
DC Voltage
600V
AC Current
600A
Resistance
60M
Ω
DC Millivolts
DC Microamps
Inrush Current
Non-Contact Voltage Testing
Audible Continuity
Backlight
Temperature
-148° – 1832°F
(-100° – 1000°C)
Auto-Ranging
Range Hold
Data Hold
Diode Test
Capacitance Test
Frequency/Duty Cycle
Max/Min Value
Worklight
Auto Power-Off
Audio Visual
LCD Display Count
6000
Durability
Safety Rating
CAT IV
600V
Drop Protection
6.6 ft.
(2 m)
MKT080522 Rev. 08/22 A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com