Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN Datasheet(PDF) 10 Page - Kemet Corporation

Part # SCN
Description  Dual Mode SCN-XV Coils, Automotive Grade
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SCN Datasheet(HTML) 10 Page - Kemet Corporation

Back Button SCN Datasheet HTML 3Page - Kemet Corporation SCN Datasheet HTML 4Page - Kemet Corporation SCN Datasheet HTML 5Page - Kemet Corporation SCN Datasheet HTML 6Page - Kemet Corporation SCN Datasheet HTML 7Page - Kemet Corporation SCN Datasheet HTML 8Page - Kemet Corporation SCN Datasheet HTML 9Page - Kemet Corporation SCN Datasheet HTML 10Page - Kemet Corporation SCN Datasheet HTML 11Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0083_SCN-XV • 2/18/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Dual Mode SCN-XV Coils, Automotive Grade
Frequency Characteristics cont.
SCN35SXV-190-1R9A008JH
Common Mode
Normal Mode
Packaging
Type
Packaging Type
Pieces Per Box
SCN35XV
Tray
80
SCN35SXV
100
Handling Precautions
Precautions for product storage
AC Line Filters should be stored in normal working environments. While the chokes themselves are quite robust in other
environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and
long term storage.
KEMET recommends that maximum storage temperature not exceed 40°C and maximum storage humidity not exceed 70%
relative humidity. Atmospheres should be free of chlorine and sulfur bearing compounds. Temperature fluctuations should
be minimized to avoid condensation on the parts. Avoid storage near strong magnetic fields, as this might magnetize the
product.
For optimized solderability, AC line filters stock should be used promptly and preferably within 6 months of receipt.
Product temperature rise values
The values listed for temperature rise are the result of self-heating in wires when the rated current (commercial frequency)
is applied.
When using the product, check and evaluate the value of the core temperature rise under actual operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com