Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q1NC45 Datasheet(PDF) 2 Page - STMicroelectronics

Part # Q1NC45
Description  N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Q1NC45 Datasheet(HTML) 2 Page - STMicroelectronics

  Q1NC45 Datasheet HTML 1Page - STMicroelectronics Q1NC45 Datasheet HTML 2Page - STMicroelectronics Q1NC45 Datasheet HTML 3Page - STMicroelectronics Q1NC45 Datasheet HTML 4Page - STMicroelectronics Q1NC45 Datasheet HTML 5Page - STMicroelectronics Q1NC45 Datasheet HTML 6Page - STMicroelectronics Q1NC45 Datasheet HTML 7Page - STMicroelectronics Q1NC45 Datasheet HTML 8Page - STMicroelectronics Q1NC45 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STD2NC45-1, STQ1NC45
2/11
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
(1) ISD ≤0.5A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
THERMAL DATA
AVALANCHE CHARACTERISTICS
Symbol
Parameter
Value
Unit
STD2NC45-1
STQ1NC45
VDS
Drain-source Voltage (VGS =0)
450
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
450
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuos) at TC = 25°C
1.5
0.5
A
ID
Drain Current (continuos) at TC = 100°C
0.95
0.315
A
IDM ( )
Drain Current (pulsed)
6
2
A
PTOT
Total Dissipation at TC = 25°C
30
3.1
W
Derating Factor
0.24
0.025
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
3
V/ns
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-65 to 150
-65 to 150
°C
°C
IPAK
TO-92
Rthj-case
Thermal Resistance Junction-case Max
4.1
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
120
°C/W
Rthj-lead
Thermal Resistance Junction-lead Max
40
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
275
260
°C
Symbol
Parameter
Max Value
Unit
IPAK
TO-92
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
1.5
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID =IAR,VDD =50 V)
25
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com