Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA22010540 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RAA22010540
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA22010540 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RAA22010540 Datasheet HTML 17Page - Renesas Technology Corp RAA22010540 Datasheet HTML 18Page - Renesas Technology Corp RAA22010540 Datasheet HTML 19Page - Renesas Technology Corp RAA22010540 Datasheet HTML 20Page - Renesas Technology Corp RAA22010540 Datasheet HTML 21Page - Renesas Technology Corp RAA22010540 Datasheet HTML 22Page - Renesas Technology Corp RAA22010540 Datasheet HTML 23Page - Renesas Technology Corp RAA22010540 Datasheet HTML 24Page - Renesas Technology Corp RAA22010540 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 21
Apr 13, 2021
RAA210040 Datasheet
7.2
Thermal Considerations
Experimental power loss curves, along with
JA from thermal modeling analysis, can evaluate the thermal
consideration for the module. The derating curves are derived from the maximum power allowed while
maintaining the temperature below the maximum junction temperature of +120°C. In applications in which the
system parameters and layout are different from the evaluation board, the customer can adjust the margin of
safety. All derating curves are obtained from tests on a 4-layer thermal test board 4.5x3 inches in size with 2oz
copper on both top and bottom layers and 1oz copper on internal layers. See TB379 for more details. In the actual
application, other heat sources and design margins should be considered.
8.
Package Description
The RAA210040 is integrated into a Dual Flat No-Lead (DFN) package with exposed copper thermal pads. This
package has such advantages as good thermal and electrical conductivity, low weight, and small size. The DFN
package is applicable for surface mounting technology and is becoming more common in the industry. The
embedded laminate substrate and inductor are overmolded with a polymer mold compound to protect these
devices.
The package outline, typical PCB layout pattern, and typical stencil pattern design are shown in the Package
Outline Drawing. TB493 shows the typical reflow profile parameters. These guidelines are general design rules.
You can modify parameters according to your specific application.
8.1
PCB Layout Pattern Design
The bottom of RAA210040 is an embedded laminate substrate, which is attached to the PCB by surface
mounting. The PCB layout pattern is in the Y10.3x3 Package Outline Drawing. The PCB layout pattern is
essentially 1:1 with the DFN package exposed pad and the I/O termination dimensions, except that the PCB lands
are slightly longer than the dual flat no-lead (DFN) embedded laminate package terminations by about 0.3mm.
This extension allows for solder filleting around the package periphery and ensures a more complete and
inspectable solder joint. The thermal lands on the PCB layout should match 1:1 with the package exposed die
pads.
Figure 38. Layout Example - SGND is Connected to PGND at Single Point
Inner Layer
Inner Layer
Inner Layer
RAA210610
SGND Pad
RAA210610
PGND Pad
Slots in PCB
SGND
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com