Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC114EE Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PDTC114EE
Description  NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC114EE Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDTC114EE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD)
plastic packages.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PDTC114E series
NPN resistor-equipped transistors;
R1 = 10 k
, R2 = 10 k
Rev. 12 — 21 December 2011
Product data sheet
Table 1.
Product overview
Type number
Package
PNP
complement
Package
configuration
Nexperia JEITA
JEDEC
PDTC114EE
SOT416
SC-75
-
PDTA114EE
ultra small
PDTC114EM
SOT883
SC-101
-
PDTA114EM
leadless ultra small
PDTC114ET
SOT23
-
TO-236AB PDTA114ET
small
PDTC114EU
SOT323
SC-70
-
PDTA114EU
very small
 100 mA output current capability
 Reduces component count
 Built-in bias resistors
 Reduces pick and place costs
 Simplifies circuit design
 AEC-Q101 qualified
 Digital application in automotive and
industrial segments
 Cost-saving alternative for BC847/857
series in digital applications
 Control of IC inputs
 Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
k
R2/R1
bias resistor ratio
0.8
1.0
1.2


Similar Part No. - PDTC114EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EE PHILIPS-PDTC114EE Datasheet
64Kb / 8P
NPN resistor-equipped transistor
1999 May 18
PDTC114EE PHILIPS-PDTC114EE Datasheet
92Kb / 14P
NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
PDTC114EE NXP-PDTC114EE Datasheet
181Kb / 14P
NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 05
PDTC114EE NXP-PDTC114EE Datasheet
717Kb / 17P
NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 12-21 December 2011
PDTC114EE PHILIPS-PDTC114EE Datasheet
717Kb / 17P
NPN resistor-equipped transistors
Rev. 12-21 December 2011
More results

Similar Description - PDTC114EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EU115 NXP-PDTC114EU115 Datasheet
717Kb / 17P
NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 12-21 December 2011
PEMD3-115 NXP-PEMD3-115 Datasheet
986Kb / 18P
NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 11-25 September 2013
PDTC143X PHILIPS-PDTC143X_15 Datasheet
752Kb / 17P
NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 10 k?
Rev. 11-9 December 2011
PEMH11_PUMH11 PHILIPS-PEMH11_PUMH11_15 Datasheet
622Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 10 k?? R2 = 10 k?
Rev. 6-29 November 2011
PEMH18_PUMH18 PHILIPS-PEMH18_PUMH18_15 Datasheet
589Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 10 k?
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
PEMD3 NEXPERIA-PEMD3 Datasheet
1Mb / 18P
NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 11 - 25 September 2013
PDTC114Y_SER NEXPERIA-PDTC114Y_SER Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 7 - 18 November 2011
PDTC143X_SER NEXPERIA-PDTC143X_SER Datasheet
1Mb / 18P
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
PEMD3 NEXPERIA-PEMD3_V01 Datasheet
1Mb / 18P
NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 11 - 25 September 2013
PEMH9 NEXPERIA-PEMH9_V01 Datasheet
790Kb / 18P
NPN/NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 5 - 12 November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com