Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56652/D Datasheet(PDF) 53 Page - NXP Semiconductors

Part # DSP56652/D
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56652/D Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button DSP56652/D Datasheet HTML 49Page - NXP Semiconductors DSP56652/D Datasheet HTML 50Page - NXP Semiconductors DSP56652/D Datasheet HTML 51Page - NXP Semiconductors DSP56652/D Datasheet HTML 52Page - NXP Semiconductors DSP56652/D Datasheet HTML 53Page - NXP Semiconductors DSP56652/D Datasheet HTML 54Page - NXP Semiconductors DSP56652/D Datasheet HTML 55Page - NXP Semiconductors DSP56652/D Datasheet HTML 56Page - NXP Semiconductors DSP56652/D Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
DSP56652
Smart Card Timing
Preliminary
MOTOROLA
DSP56652 Technical Data Sheet
2-11
SMART CARD TIMING
Figure 2-6
Smart Card Interface Power Down AC Timing
Table 2-11
Smart Card Port to Smart Card AC Timing
Num
Characteristics
CKIH
@ 16.8 MHz
Unit
Min
Max
31
SIMRESET low to SIMCLK low
1.18
200/f
ms
32
SIMCLK deactivated to SIMDATA tri-state to low
1.18
200/f
ms
33
SIMDATA low to PWR_EN low
1.18
200/f
ms
34
SIMRESET low
40000/f
Ñ
ns
35
SENSE high to SIMRESET low
57
76
ms
Note:
ÒfÓ is CKIH/4 (for 5 V sims) or CKIH/5 (for 3 V sims), as programmed in the Smart Card
port.
SIMDATA
SIMRESET
38
33
PWR_EN
SIMCLK
32
34
31
SENSE
35
AA1684
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com