Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89C538 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 89C538
Description  CMOS single-chip 8-bit microcontrollers with FLASH program memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89C538 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 89C538 Datasheet HTML 8Page - NXP Semiconductors 89C538 Datasheet HTML 9Page - NXP Semiconductors 89C538 Datasheet HTML 10Page - NXP Semiconductors 89C538 Datasheet HTML 11Page - NXP Semiconductors 89C538 Datasheet HTML 12Page - NXP Semiconductors 89C538 Datasheet HTML 13Page - NXP Semiconductors 89C538 Datasheet HTML 14Page - NXP Semiconductors 89C538 Datasheet HTML 15Page - NXP Semiconductors 89C538 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Philips Semiconductors
Preliminary specification
89C535/89C536/89C538
CMOS single-chip 8-bit microcontrollers
with FLASH program memory
1997 Jun 05
12
Serial Interface
The 89C538/536 has a standard 80C51 serial port. This serial port
can operate in 4 modes:
Mode 0: Serial data enters and exits through RxD. TxD outputs the
shift clock. 8 bits are transmitted/received (LSB first). The baud rate
is fixed at 1/12 the oscillator frequency.
Mode 1: 10 bits are transmitted (through TxD) or received (through
RxD): a start bit (0), 8 data bits (LSB first), and a stop bit (1). On
receive, the stop bit goes into RB8 in Special Function Register
SCON. The baud rate is variable.
Mode 2: 11 bits are transmitted (throughTxD) or received (through
RxD): start bit (0), 8 data bits (LSB first), a programmable 9th data
bit, and a stop bit (1). On Transmit, the 9th data bit (TB8 in SCON)
can be assigned the value of 0 or 1, Or, for example, the parity bit
(P, in the PSW) could be moved into TB8. On receive, the 9th data
bit goes into RB8 in Special Function Register SCON, while the stop
bit is ignored. The baud rate is programmable to either 1/32 or 1/64
the oscillator frequency.
Mode 3: 11 bits are transmitted (through TxD) or received (through
jRxD): a start bit (0), 8 data bits (LSB first), a programmable 9th data
bit, and a stop bit (1). In fact, Mode 3 is the same as Mode 2 in all
respects except baud rate. The baud rate in Mode 3 is variable.
In all four modes, transmission is initiated by any instruction that
uses SBUF as a destination register. Reception is initiated in Mode 0
by the condition RI = 0 and REN = 1. Reception is initiated in the
other modes by the incoming start bit if REN = 1.
Serial Port Control Register
The serial port control and status register is the Special
FunctionRegister SCON, shown in Figure 5. This register contains
not only the mode selection bits, but also the 9th data bit for transmit
and receive (TB8 and RB8), and the serial port interrupt bits (TI and
RI).
Additional details of serial port operation may be found in the 80C51
Family Hardware Description found in the
Philips 80C51–Based
8–Bit Microcontroller Data Handbook, IC20.
SCON Address = 98H
Reset Value = 0000 0000B
SM0
SM1
SM2
REN
TB8
RB8
Tl
Rl
Bit Addressable
Symbol
Function
SM0
Serial Port Mode Bit 0
SM1
Serial Port Mode Bit 1
SM0
SM1
Mode
Description
Baud Rate**
0
0
0
shift register
fOSC/12
0
1
1
8-bit UART
variable
1
0
2
9-bit UART
fOSC/64 or fOSC/32
1
1
3
9-bit UART
variable
SM2
Enables the Automatic Address Recognition feature in Modes 2 or 3. If SM2 = 1 then Rl will not be set unless the
received 9th data bit (RB8) is 1, indicating an address, and the received byte is a Given or Broadcast Address.
In Mode 1, if SM2 = 1 then Rl will not be activated unless a valid stop bit was received, and the received byte is a
Given or Broadcast Address. In Mode 0, SM2 should be 0.
REN
Enables serial reception. Set by software to enable reception. Clear by software to disable reception.
TB8
The 9th data bit that will be transmitted in Modes 2 and 3. Set or clear by software as desired.
RB8
In modes 2 and 3, the 9th data bit that was received. In Mode 1, if SM2 = 0, RB8 is the stop bit that was received.
In Mode 0, RB8 is not used.
Tl
Transmit interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or at the beginning of the stop bit in the
other modes, in any serial transmission. Must be cleared by software.
Rl
Receive interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or halfway through the stop bit time in
the other modes, in any serial reception (except see SM2). Must be cleared by software.
NOTE:
**fOSC = oscillator frequency
SU00867
Bit:
7654
321
0
Figure 5.
SCON: Serial Port Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com