Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB351M-AC Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT43USB351M-AC
Description  Full-speed/Low-speed USB Microcontroller with ADC and PWM
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB351M-AC Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT43USB351M-AC Datasheet HTML 74Page - ATMEL Corporation AT43USB351M-AC Datasheet HTML 75Page - ATMEL Corporation AT43USB351M-AC Datasheet HTML 76Page - ATMEL Corporation AT43USB351M-AC Datasheet HTML 77Page - ATMEL Corporation AT43USB351M-AC Datasheet HTML 78Page - ATMEL Corporation AT43USB351M-AC Datasheet HTML 79Page - ATMEL Corporation AT43USB351M-AC Datasheet HTML 80Page - ATMEL Corporation AT43USB351M-AC Datasheet HTML 81Page - ATMEL Corporation AT43USB351M-AC Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
78
AT43USB351M
3302E–USB–7/04
USB Registers
The following sections describe the registers of the AT43USB351M’s function unit.
Reading a bit for which the microcontroller does not have read access will yield a zero value
result. Writing to a bit for which the microcontroller does not have write access has no effect.
Hub Address Register
– HADDR
This register is an artifact of the AT43USB355. It is included in the AT43USB351M to make
the two devices binary-compatible. In the AT43USB351M only bit 7 is meaningful.
Hub Address Register – HADDR
• Bit 7 – SAEN: Single Address Enable
In the AT43USB351M, this bit should be set to “1”.
• Bit 6..0 – HADD6...0: Hub Address[6:0]
These bits are don’t cares in the AT43USB351M.
Bit
7
6
5
4
3
2
1
0
$1FEF
SAEN
HADD6
HADD5
HADD4
HADD3
HADD2
HADD1
HADD0
HADDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com