Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC144WK Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDTC144WK
Description  NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144WK Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTC144WK Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC144WK Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC144WK Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC144WK Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC144WK Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC144WK Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC144WK Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144WK Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144WK Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2004 Mar 23
2004 Aug 17
DISCRETE SEMICONDUCTORS
PDTC144W series
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 22 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com