Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTD123Y Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PDTD123Y
Description  NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTD123Y Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PDTD123Y Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTD123Y Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTD123Y Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTD123Y Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTD123Y Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTD123Y Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTD123Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTD123Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTD123Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PDTD123Y_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 November 2009
3 of 10
NXP Semiconductors
PDTD123Y series
NPN 500 mA resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 10 kΩ
3.
Ordering information
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PDTD123YK
SC-59A
plastic surface mounted package; 3 leads
SOT346
PDTD123YS[1]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
PDTD123YT
-
plastic surface mounted package; 3 leads
SOT23
Table 5.
Marking codes
Type number
Marking code[1]
PDTD123YK
E7
PDTD123YS
D123YS
PDTD123YT
*7X
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
VI
input voltage
positive
-
+12
V
negative
-
−5V
IO
output current (DC)
-
500
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
SOT346
-
250
mW
SOT54
-
500
mW
SOT23
-
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com