Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7283-01FVC Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA7283-01FVC
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7283-01FVC Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA7283-01FVC Datasheet HTML 10Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 11Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 12Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 13Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 14Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 15Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 16Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 17Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
DA7283
Ultra-Low Power LRA Haptic Driver with
Multiple Input Triggers and Software-Free
Operation
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
14 of 26
© 2022 Renesas Electronics
Automatic Under-Voltage Lockout Protection
Automatic under-voltage lockout protection (UVLO) detects when VDD drops below 2.8 V and protects
DA7283 by stopping playback. The device will then attempt to drive only at the next GPI request for
playback.
Automatic Haptic Playback Timeout
The longest sequences provided by the device are 60 seconds long via GPI_1 and GPI_2. If the host
crashes after starting a pattern and does not send a negative edge to stop it, DA7283 will stop
playback after 60 seconds and return to an IDLE state. This guarantees that the haptic device will not
completely discharge the battery in case of a software crash.
Supply Monitoring and Automatic Output Limiting
DA7283 monitors the power supply voltage level and adjusts the drive voltage accordingly, so that
the output does not clip to the supply voltage. This feature guarantees controlled output allowing
continued resonant frequency tracking functionality even when the device is operating under low
power supply conditions or heavy battery load, see Section 5.3.2.
Small Solution Footprint
Available in an ultra-small 1.35 mm x 1.75 mm, 0.4 mm pitch, 0.545 mm height, 3 x 4 WLCSP, or a
3.0 mm x 3.0 mm, 0.65 mm pitch, 0.78 mm height, 12 lead QFN package, DA7283 minimizes the
required PCB size and overall solution cost. In the typical application case, only a single 100 nF
decoupling capacitor is required. See Section 8 and Section 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com