Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMLQ25201T-R47MSR Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 40Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 41Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 42Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 43Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 44Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 45Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 46Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 47Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
44 of 51
© 2022 Renesas Electronics
Bit
Type
Field Name
Description
Reset
[1]
RW
BUCK1_PG1
Assign CH1 Buck to PG1 monitor group.
Value
Description
0x0
CH1 Buck is not assigned to PG1 group
0x1
CH1 Buck is assigned to PG1 group
0x0
[0]
RW
LDO_PG1
Assign LDO to PG1 monitor group.
Value
Description
0x0
LDO is not assigned to PG1 group
0x1
LDO is assigned to PG1 group
0x0
Table 32: PMC_PG2 (0x000F)
Bit
Type
Field Name
Description
Reset
[4]
RW
BUCK4_PG2
Assign CH4 Buck to PG2 monitor group.
Value
Description
0x0
CH4 Buck is not assigned to PG2 group
0x1
CH4 Buck is assigned to PG2 group
0x1
[3]
RW
BUCK3_PG2
Assign CH3 Buck to PG2 monitor group.
Value
Description
0x0
CH3 Buck is not assigned to PG2 group
0x1
CH3 Buck is assigned to PG2 group
0x1
[2]
RW
BUCK2_PG2
Assign CH2 Buck to PG2 monitor group.
Value
Description
0x0
CH2 Buck is not assigned to PG2 group
0x1
CH2 Buck is assigned to PG2 group
0x0
[1]
RW
BUCK1_PG2
Assign CH1 Buck to PG2 monitor group.
Value
Description
0x0
CH1 Buck is not assigned to PG2 group
0x1
CH1 Buck is assigned to PG2 group
0x1
[0]
RW
LDO_PG2
Assign LDO to PG2 monitor group.
Value
Description
0x0
LDO is not assigned to PG2 group
0x1
LDO is assigned to PG2 group
0x0
Table 33: PMC_DISCHARGE (0x0010)
Bit
Type
Field Name
Description
Reset
[4]
RW
BUCK4_DISCHARGE
CH4 Buck discharge resistor control. Connects
resistor to ground when channel is shut down.
When disabled, excessive charge may be left on
output capacitors (NOT recommended). When
enabled the resister will be connected after the
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com