Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9130 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 37Page - Renesas Technology Corp DA9130 Datasheet HTML 38Page - Renesas Technology Corp DA9130 Datasheet HTML 39Page - Renesas Technology Corp DA9130 Datasheet HTML 40Page - Renesas Technology Corp DA9130 Datasheet HTML 41Page - Renesas Technology Corp DA9130 Datasheet HTML 42Page - Renesas Technology Corp DA9130 Datasheet HTML 43Page - Renesas Technology Corp DA9130 Datasheet HTML 44Page - Renesas Technology Corp DA9130 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
41 of 45
© 2022 Renesas Electronics
6.2
Package Marking
6.3
Moisture Sensitivity Level
The moisture sensitivity level (MSL) is an indicator for the maximum allowable time period (floor
lifetime) in which a moisture sensitive plastic device, once removed from the dry bag, can be
exposed to an environment with a specified maximum temperature and a maximum relative humidity
before the solder reflow process. The MSL classification is defined in Table 49.
For detailed information on MSL levels refer to the IPC/JEDEC standard J-STD-020, which can be
downloaded from http://www.jedec.org.
The FCQFN package is qualified for MSL 3.
Table 49: MSL Classification
MSL Level
Floor Lifetime
Conditions
MSL 4
72 hours
30 °C / 60 % RH
MSL 3
168 hours
30 °C / 60 % RH
MSL 2A
4 weeks
30 °C / 60 % RH
MSL 2
1 year
30 °C / 60 % RH
MSL 1
Unlimited
30 °C / 60 % RH
6.4
Soldering Information
Refer to the IPC/JEDEC standard J-STD-020 for relevant soldering information. This document can
be downloaded from http://www.jedec.org.
A1 Corner >
Format
1st
●
Pin 1 ID
2nd
D
A
9
1
3
0
Orientation/Part No.
3rd
x
x
A
T
y
y OTP/Option/Year
4th
w
w
z
z
z
z
Date Code
A or AT optionally indicate the Automotive and Automotive high temp test options.
xx identifies the OTP Variant
Package Marking
Marking Content
Date Code Format: yy = Year, ww = Week, zzzz = Traceability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com