Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABACT0059 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MABACT0059
Description  1:1 Transmission Line Transformer 4.5 - 3000MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0059 Datasheet(HTML) 3 Page - Tyco Electronics

  MABACT0059 Datasheet HTML 1Page - Tyco Electronics MABACT0059 Datasheet HTML 2Page - Tyco Electronics MABACT0059 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1:1 Transmission Line Transformer 4.5 – 3000MHz
MABACT0059
V1P
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
3
RoHS
Compliant
Insertion Loss Port 2 (Pin 4 to Pin 1)
Amplitude Unbalance
Phase Unbalance
Typical Performance Curves @ TA = 25°C, Z0 = 75Ω
Insertion Loss Port 1 (Pin 4 to Pin 3)
-6
-5
-4
-3
-2
-1
0
1
4.5
504.5
1004.5
1504.5
2004.5
2504.5
Frequency (MHz)
3000
-7
-6
-5
-4
-3
-2
-1
0
1
4.5
504.5
1004.5
1504.5
2004.5
2504.5
Frequency (MHz)
3000
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
4.5
504.5
1004.5
1504.5
2004.5
2504.5
Frequency (MHz)
3000
130
140
150
160
170
180
190
200
210
220
230
4.5
504.5
1004.5
1504.5
2004.5
2504.5
Frequency (MHz)
3000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com