Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0803LCD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # ADC0803LCD
Description  CMOS 8-bit A/D converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0803LCD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ADC0803LCD Datasheet HTML 6Page - NXP Semiconductors ADC0803LCD Datasheet HTML 7Page - NXP Semiconductors ADC0803LCD Datasheet HTML 8Page - NXP Semiconductors ADC0803LCD Datasheet HTML 9Page - NXP Semiconductors ADC0803LCD Datasheet HTML 10Page - NXP Semiconductors ADC0803LCD Datasheet HTML 11Page - NXP Semiconductors ADC0803LCD Datasheet HTML 12Page - NXP Semiconductors ADC0803LCD Datasheet HTML 13Page - NXP Semiconductors ADC0803LCD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Philips Semiconductors
Product data
ADC0803/0804
CMOS 8-bit A/D converters
2002 Oct 17
10
3-STATE TEST CIRCUITS AND WAVEFORMS (ADC0801-1)
tr
90%
50%
10%
t0H
10%
VCC
GND
VOH
GND
RD
DATA
OUTPUT
CL
VCC
DATA
OUTPUT
10 k
Ω
CL
CS
RD
tr
90%
50%
10%
t1H
90%
VCC
GND
VOH
GND
RD
DATA
OUTPUT
VCC
CS
RD
DATA
OUTPUT
VCC
20ns
10 pF
tOH
t1H
10 pF
SL00019
10 k
Ω
Figure 4. 3-State Test Circuits and Waveforms (ADC0801-1)
TIMING DIAGRAMS (All timing is measured from the 50% voltage points)
START
CONVERSION
CS
WR
tWI
tW(WR)L
ACTUAL INTERNAL
STATUS OF THE
CONVERTER
(LAST DATA WAS READ)
(LAST DATA WAS NOT READ)
INTR
INTR
CS
RD
DATA
OUTPUTS
INTR RESET
tRI
tACC
t1H, t0H
THREE–STATE
1 TO 8 X 1/fCLK
”NOT BUSY”
”BUSY”
INTERNAL TC
DATA IS VALID IN
OUTPUT LATCHES
INT ASSERTED
1/2 TCLK
NOTE
NOTE:
Read strobe must occur 8 clock periods (8/fCLK) after assertion of interrupt to guarantee reset of INTR.
Output Enable and Reset INTR
SL00020
Figure 5. Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com