Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C32 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # P80C32
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C32 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button P80C32 Datasheet HTML 38Page - NXP Semiconductors P80C32 Datasheet HTML 39Page - NXP Semiconductors P80C32 Datasheet HTML 40Page - NXP Semiconductors P80C32 Datasheet HTML 41Page - NXP Semiconductors P80C32 Datasheet HTML 42Page - NXP Semiconductors P80C32 Datasheet HTML 43Page - NXP Semiconductors P80C32 Datasheet HTML 44Page - NXP Semiconductors P80C32 Datasheet HTML 45Page - NXP Semiconductors P80C32 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
42
AC ELECTRICAL CHARACTERISTICS (6-CLOCK MODE, 5 V
±10% OPERATION)
Tamb = 0 °C to +70 °C or –40 °C to +85 °C ; VCC = 5 V ±10%, VSS = 0 V1,2,3,4,5
Symbol
Figure
Parameter
Limits
16 MHz Clock
Unit
MIN
MAX
MIN
MAX
1/tCLCL
31
Oscillator frequency
0
30
MHz
tLHLL
27
ALE pulse width
tCLCL–8
54.5
ns
tAVLL
27
Address valid to ALE low
0.5 tCLCL –13
18.25
ns
tLLAX
27
Address hold after ALE low
0.5 tCLCL –20
11.25
ns
tLLIV
27
ALE low to valid instruction in
2 tCLCL –35
90
ns
tLLPL
27
ALE low to PSEN low
0.5 tCLCL –10
21.25
ns
tPLPH
27
PSEN pulse width
1.5 tCLCL –10
83.75
ns
tPLIV
27
PSEN low to valid instruction in
1.5 tCLCL –35
58.75
ns
tPXIX
27
Input instruction hold after PSEN
0
0
ns
tPXIZ
27
Input instruction float after PSEN
0.5 tCLCL –10
21.25
ns
tAVIV
27
Address to valid instruction in
2.5 tCLCL –35
121.25
ns
tPLAZ
27
PSEN low to address float
10
10
ns
Data Memory
tRLRH
28
RD pulse width
3 tCLCL –20
167.5
ns
tWLWH
29
WR pulse width
3 tCLCL –20
167.5
ns
tRLDV
28
RD low to valid data in
2.5 tCLCL –35
121.25
ns
tRHDX
28
Data hold after RD
0
0
ns
tRHDZ
28
Data float after RD
tCLCL –10
52.5
ns
tLLDV
28
ALE low to valid data in
4 tCLCL –35
215
ns
tAVDV
28
Address to valid data in
4.5 tCLCL –35
246.25
ns
tLLWL
28, 29
ALE low to RD or WR low
1.5 tCLCL –15
1.5 tCLCL +15
78.75
108.75
ns
tAVWL
28, 29
Address valid to WR low or RD low
2 tCLCL –15
110
ns
tQVWX
29
Data valid to WR transition
0.5 tCLCL –25
6.25
ns
tWHQX
29
Data hold after WR
0.5 tCLCL –15
16.25
ns
tQVWH
29
Data valid to WR high
3.5 tCLCL –5
213.75
ns
tRLAZ
28
RD low to address float
0
0
ns
tWHLH
28, 29
RD or WR high to ALE high
0.5 tCLCL –10
0.5 tCLCL +10
21.25
41.25
ns
External Clock
tCHCX
31
High time
0.4 tCLCL
tCLCL – tCLCX
ns
tCLCX
31
Low time
0.4 tCLCL
tCLCL – tCHCX
ns
tCLCH
31
Rise time
5
ns
tCHCL
31
Fall time
5
ns
Shift register
tXLXL
30
Serial port clock cycle time
6 tCLCL
375
ns
tQVXH
30
Output data setup to clock rising edge
5 tCLCL –25
287.5
ns
tXHQX
30
Output data hold after clock rising edge
tCLCL –15
47.5
ns
tXHDX
30
Input data hold after clock rising edge
0
0
ns
tXHDV
30
Clock rising edge to input data valid
5 tCLCL –133
179.5
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN=100 pF, load capacitance for all outputs = 80 pF
3. Interfacing the microcontroller to devices with float time up to 45ns is permitted. This limited bus contention will not cause damage to port 0
drivers.
4. Parts are guaranteed by design to operate down to 0 Hz.
5. Data shown in the table are the best mathematical models for the set of measured values obtained in tests. If a particular parameter
calculated at a customer specified frequency has a negative value, it should be considered equal to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com