Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7540TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7540TR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7540TR Datasheet HTML 25Page - STMicroelectronics ST7540TR Datasheet HTML 26Page - STMicroelectronics ST7540TR Datasheet HTML 27Page - STMicroelectronics ST7540TR Datasheet HTML 28Page - STMicroelectronics ST7540TR Datasheet HTML 29Page - STMicroelectronics ST7540TR Datasheet HTML 30Page - STMicroelectronics ST7540TR Datasheet HTML 31Page - STMicroelectronics ST7540TR Datasheet HTML 32Page - STMicroelectronics ST7540TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
ST7540
Functional description
29/44
Note:
Notes: The rate of R2 takes in account the input resistance on the VSENSE pin (36K). 10nF
capacitor effect has been neglected.
Figure 18. Typical output current vs RCL
Integrated Power Line Interface (PLI)
The Power Amplifier (PA) is a CMOS AB Class Power Amplifier. The PA requires, to
ensure a proper
operation, a regulated and well filtered Supply Voltage. Vcc Voltage and PA_OUT
Voltage must fulfil
the following formulas to work without clipping phenomena:
Table 11. VOUT Vs. R1 & R2 resistors value
Vout (Vrms)
Vout (dB
µV)
(R1+R2)/R2
R2 (K
Ω)
R1 (K
Ω)
0.150
103.5
1.1
7.5
1.0
0.250
108.0
1.9
5.1
3.9
0.350
110.9
2.7
3.6
5.6
0.500
114.0
3.7
3.3
8.2
0.625
115.9
4.7
3.3
11.0
0.750
117.5
5.8
2.7
12.0
0.875
118.8
6.6
2.0
11.0
1.000
120.0
7.6
1.6
10.0
1.250
121.9
9.5
1.6
13.0
1.500
123.5
10.8
1.6
15.0
Irms
(mA)
Rcl(k
Ω)
D01IN1311
120
220
320
420
520
620
720
820
920
1020
1120
1220
0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1
V
CC
VPAOUT AC
()
2
----------------------------------------
VPOUT DC
() 3V
++
VPOUT DC
()
VPAOUT AC
()
2
----------------------------------------
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com