Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91730 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS91730
Description  Low EMI, Spread Modulating, Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91730 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS91730 Datasheet HTML 1Page - Integrated Circuit Systems ICS91730 Datasheet HTML 2Page - Integrated Circuit Systems ICS91730 Datasheet HTML 3Page - Integrated Circuit Systems ICS91730 Datasheet HTML 4Page - Integrated Circuit Systems ICS91730 Datasheet HTML 5Page - Integrated Circuit Systems ICS91730 Datasheet HTML 6Page - Integrated Circuit Systems ICS91730 Datasheet HTML 7Page - Integrated Circuit Systems ICS91730 Datasheet HTML 8Page - Integrated Circuit Systems ICS91730 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
ICS91730
0794D—05/23/05
Table 1: Frequency Configuration Table
(See I2C Byte 0)
Above is the hard coded 5 bit (32 entry) ROM table.
FS3:0 are ONLY accessible through I2C software programming bits (byte0 bits5:7). FS4 can also be decoded from
FS_IN1 latched input hardware pins.
FS_IN1
→ FS4. Upon power-up the default is to use hardware selection of FS_IN1 latched value.
FS3 = 0, FS2
= 0, FS1 = 0, FS0 = 1 upon power-up (refer to the functionality table on page 1).
To access non-default spread entries in the ROM, byte0 programming should be used. In order to change the power
up default of FS_IN1 = 1 (-1.25% down spread) to any other spread % entry, first change byte0bit 0 to software
selection by switching this bit to a ‘1’ and then program the desired percentage by changing byte0 bits 7:3.
FS4
FS3
FS2
FS1
FS0
Sprd Type Sprd %
00
00
0
0.60
00
00
1
0.80
00
01
0
1.00
00
01
1
1.25
00
10
0
1.50
00
10
1
2.00
00
11
0
0.50
00
11
1
1.00
01
00
0
0.60
01
00
1
1.00
01
01
0
0.80
01
01
1
CTR SPD
0.3
01
10
0
1.50
01
10
1
1.75
01
11
0
2.00
01
11
1
2.50
10
00
0
3.00
10
00
1
1.25
10
01
0
0.40
10
01
1
0.50
10
10
0
0.70
10
10
1
1.00
10
11
0
1.20
10
11
1
1.50
11
00
0
0.60
11
00
1
0.80
11
01
0
1.00
11
01
1
1.25
11
10
0
1.50
11
10
1
2.00
11
11
0
0.50
11
11
1
1.00
48in/48out
66in/66out
DOWN
SPREAD
(-)
CENTER SPD
(+/-)
14in/27out
DOWN
SPREAD
(-)
CENTER SPD
(+/-)
14in/14out
27in/27out
CENTER SPD
(+/-)
DOWN
SPREAD
(-)
DOWN
SPREAD
(-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com