Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9380/PCB Datasheet(PDF) 40 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 36Page - Analog Devices AD9380/PCB Datasheet HTML 37Page - Analog Devices AD9380/PCB Datasheet HTML 38Page - Analog Devices AD9380/PCB Datasheet HTML 39Page - Analog Devices AD9380/PCB Datasheet HTML 40Page - Analog Devices AD9380/PCB Datasheet HTML 41Page - Analog Devices AD9380/PCB Datasheet HTML 42Page - Analog Devices AD9380/PCB Datasheet HTML 43Page - Analog Devices AD9380/PCB Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
AD9380
Rev. 0 | Page 40 of 60
0x15—Bit[6] HSYNC 1 Detection Bit
This bit is used to indicate when activity is detected on the
HSYNC 1 input pin. If HSYNC is held high or low, activity is
not detected. The sync processing block diagram shows where
this function is implemented. 0 = HSYNC 1 not active.
1 = HSYNC 1 is active.
0x15—Bit[5] VSYNC 0 Detection Bit
This bit is used to indicate when activity is detected on the
VSYNC0 input pin. If VSYNC is held high or low, activity is not
detected. Figure 8 shows where this function is implemented.
0 = VSYNC 0 not active. 1 = VSYNC 0 is active.
0x15—Bit[4] VSYNC 1 Detection Bit
This bit is used to indicate when activity is detected on the
VSYNC1 input pin. If VSYNC is held high or low, activity is not
detected. Figure 8 shows where this function is implemented.
0 = VSYNC1 not active. 1 = VSYNC1 is active.
0x15—Bit[3] SOG 0 Detection Bit
This bit is used to indicate when activity is detected on the
SOG 0 input pin. If SOG is held high or low, activity is not
detected. Figure 8 shows where this function is implemented.
0 = SOG 0 not active. 1 = SOG0 is active.
0x15—Bit[2] SOG 1 Detection Bit
Indicates if SOG 1 is active. This bit is used to indicate when
activity is detected on the SOG 1 input pin. If SOG is held high
or low, activity is not detected. Figure 8 shows where this
function is implemented. 0 = SOG 1 not active. 1 = SOG 1 is
active.
0x15—Bit[1] Coast Detection Bit
This bit detects activity on the EXTCLK/COAST pin. It
indicates that one of the two signals is active, but it doesn’t
indicate if it is EXTCLK or COAST. A dc signal is not detected.
0 = no activity detected. 1 = activity detected.
POLARITY STATUS
0x16—Bit[7] HSYNC 0 Polarity
Indicates the polarity of the HSYNC0 input. 0 = HSYNC
polarity negative. 1 = HSYNC polarity positive.
0x16—Bit[6] HSYNC 1 Polarity
Indicates the polarity of the HSYNC1 input. 0 = HSYNC
polarity negative. 1 = HSYNC polarity positive.
0x16—Bit[5] VSYNC 0 Polarity
Indicates the polarity of the VSYNC0 input. 0 = VSYNC
polarity negative. 1 = VSYNC polarity positive.
0x16—Bit[4] VSYNC 1 Polarity
Indicates the polarity of the VSYNC1 input. 0 = VSYNC
polarity negative. 1 = VSYNC polarity positive.
0x16—Bit[3] Coast Polarity
Indicates the polarity of the external coast signal. 0 = coast
polarity negative. 1 = coast polarity positive.
0x16—Bit[2] Pseudo Sync Detected
This bit indicates that a pulse other than an expected HSYNC
has occurred.
0x16—Bits[1] Sync Filter Locked
Indicates whether sync filter is locked to periodic sync signals.
0 = sync filter locked to periodic sync signal. 1 = sync filter not
locked.
0x16—Bit[0] Bad Sync Detect
This bit indicates when an HSYNC has occurred outside the
filter window.
0x17—Bits[3:0] HSYNCs per VSYNC MSBs
The 4 MSBs of the 12-bit counter that reports the number of
HSYNCs/VSYNC on the active input. This is useful in deter-
mining the mode and an aid in setting the PLL divide ratio.
0x18—Bits[7:0] HSYNCs per VSYNC LSBs
The 8 LSBs of the 12-bit counter that reports the number of
HSYNCs/VSYNC on the active input.
0x19—Bits[7:0] Clamp Placement
Number of pixel clocks after trailing edge of HSYNC to begin
clamp. The power-up default is 8.
0x1A—Bits[7:0] Clamp Duration
Number of pixel clocks to clamp. The power-up default is 0x14.
0x1B—Bit[7] Red Clamp Select
This bit selects whether the red channel is clamped to ground or
midscale. Ground clamping is used for red in RGB applications
and midscale clamping is used in YPrPb (YUV) applications.
0 = channel clamped to ground during clamping period.
1 = channel clamped to midscale during clamping period.
The power-up default is 0.
0x1B—Bit[6] Green Clamp Select
This bit selects whether the green channel is clamped to ground
or midscale. Ground clamping is normally used for green in
RGB applications and YPrPb (YUV) applications. 0 = channel
clamped to ground during clamping period. 1 = channel
clamped to midscale during clamping period. The power-up
default is 0.
0x1B—Bit[5] Blue Clamp Select
This bit selects whether the blue channel is clamped to ground
or midscale. Ground clamping is used for blue in RGB
applications and midscale clamping is used in YPrPb (YUV)
applications. 0 = channel clamped to ground during clamping
period. 1 = channel clamped to midscale during clamping
period. The power-up default is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com