Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9232 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9232 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA9232 Datasheet HTML 35Page - Renesas Technology Corp DA9232 Datasheet HTML 36Page - Renesas Technology Corp DA9232 Datasheet HTML 37Page - Renesas Technology Corp DA9232 Datasheet HTML 38Page - Renesas Technology Corp DA9232 Datasheet HTML 39Page - Renesas Technology Corp DA9232 Datasheet HTML 40Page - Renesas Technology Corp DA9232 Datasheet HTML 41Page - Renesas Technology Corp DA9232 Datasheet HTML 42Page - Renesas Technology Corp DA9232 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
NDA Confidential
Datasheet
CFR0011-120-00 Rev 5
39 of 50
Field Name
Bits
Type
POR
Description
0x1
Reset Pulse generation output
0x2
PowerGood indicator, Active Low
0x3
PowerGood indicator, Active High
0x4
Event indicator
0x8
Force GPO output low
0x9
Force GPO output hi-z
Table 19: Register BUCK
Address
Register Name
POR Value
Buck enable & vout control
0x0005
BUCK
0x58
7
6
5
4
3
2
1
0
BUCK_EN
VOUT_RANGE_HI
Reserved
BUCK_VOUT<4:0>
Field Name
Bits
Type
POR
Description
BUCK_EN
[7]
cfg OTP 0x0
BUCK enable
VOUT_RANGE_HI
[6]
cfg OTP 0x1
Range selection for buck. This can only be changed while BUCK_EN = 0
Value
Description
0x0
0.60 V <= VBUCK <= 1.30 V
0x1
1.30 V <= VBUCK <= 1.90 V
BUCK_VOUT
[4:0]
datablk
OTP
0x18
Buck output voltage
Revision 2.
4
2
8-Feb-2022
© 2022 Renesas Electronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com