Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986I Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 35Page - STMicroelectronics L6986I_V01 Datasheet HTML 36Page - STMicroelectronics L6986I_V01 Datasheet HTML 37Page - STMicroelectronics L6986I_V01 Datasheet HTML 38Page - STMicroelectronics L6986I_V01 Datasheet HTML 39Page - STMicroelectronics L6986I_V01 Datasheet HTML 40Page - STMicroelectronics L6986I_V01 Datasheet HTML 41Page - STMicroelectronics L6986I_V01 Datasheet HTML 42Page - STMicroelectronics L6986I_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Figure 44. Secondary winding positive peak current dependency on duty cycle (IOUT_sec = 100 mA)
0
0.5
1
1.5
2
2.5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Duty cycle
Figure 45. Primary negative peak current dependency on duty cycle (VOUT_pri = 5 V, IOUT_pri = 0, IOUT_sec =
100 mA, N = 6, fSW = 500 kHz, L = 19 µH)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Duty cycle
Reverse current
limit already
triggered
typ. reverse current
limit threhsold
Windings resistance
Winding resistances should be minimized as much as possible since they affect the secondary output load
regulations. They also contribute to power losses, hence affecting the efficiency of the total solution.
Leakage inductance
The leakage inductance of a transformer can be defined as an undesired inductive component due to the not
perfect magnetic linking of the two windings. Leakage inductance is inherent to the transformer construction and
can be only reduced but not eliminated.
As shown in the Figure 46 (resulting from a simulation), the leakage inductance affects the shape of the
secondary winding current. In general, a very low leakage inductance implies that the current in the secondary
winding can quickly ramp-up allowing the charge of the secondary output capacitor and supporting the load
current demand.
A high leakage inductance slows down the secondary winding current rise, limiting the charge delivery to the
output. Comparing solutions with different values of transformer leakage inductance shows that higher leakage
inductance transformer are characterized by poorer load regulation performances.
In addition, higher leakage inductance means a reduction of the effective current slope in the primary winding,
hence increasing the duty cycle. As consequence, the Schottky diode conduction time shorten, and higher peak
and RMS current are present at the secondary winding. Higher peaks at light load negatively impact the load
regulation.
L6986I
Design of the external components
DS13647 - Rev 2
page 39/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com