Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986ITR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6986ITR
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986ITR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6986ITR Datasheet HTML 9Page - STMicroelectronics L6986ITR Datasheet HTML 10Page - STMicroelectronics L6986ITR Datasheet HTML 11Page - STMicroelectronics L6986ITR Datasheet HTML 12Page - STMicroelectronics L6986ITR Datasheet HTML 13Page - STMicroelectronics L6986ITR Datasheet HTML 14Page - STMicroelectronics L6986ITR Datasheet HTML 15Page - STMicroelectronics L6986ITR Datasheet HTML 16Page - STMicroelectronics L6986ITR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Figure 9. Soft-start phase
The CSS value is chosen accordingly with equation (1)
CSS = SSGAIN∙ISSCH∙TSS
VFB  =  3∙4μA∙TSS
0.85V
(1)
where TSS is the soft-start time, ISS CH the charging current and VFB the reference of the error amplifier.
During normal operation a new soft-start cycle takes place in case of:
• Thermal shutdown event
• UVLO event
• The device is driven in INH mode
The soft-start capacitor is discharged with a 0.6 mA typ. current capability for 1 ms time max. For complete and
proper capacitor discharge in case of fault conditions, a maximum CSS = 67 nF value is suggested.
In case the soft-start should be externally driven by a voltage step, the circuitry in figure below can be used.
L6986I
Soft-start and inhibit
DS13647 - Rev 2
page 13/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com