Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL400CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL400CS
Description  200MHz Current Feedback Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL400CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL400CS Datasheet HTML 1Page - Renesas Technology Corp EL400CS Datasheet HTML 2Page - Renesas Technology Corp EL400CS Datasheet HTML 3Page - Renesas Technology Corp EL400CS Datasheet HTML 4Page - Renesas Technology Corp EL400CS Datasheet HTML 5Page - Renesas Technology Corp EL400CS Datasheet HTML 6Page - Renesas Technology Corp EL400CS Datasheet HTML 7Page - Renesas Technology Corp EL400CS Datasheet HTML 8Page - Renesas Technology Corp EL400CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EL400
FN7156 Rev 0.00
Page 3 of 9
Sep 20, 2002
Closed-Loop AC Electrical Specifications
VS = ±5V, RF = 250, AV = +2, RL = 100 unless otherwise specified.
PARAMETER
DESCRIPTION
TEST
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
Frequency
Response
SSBW
-3dB Bandwidth
(VOUT < 0.5VPP)
25°C
150.0
200.0
MHz
TMIN
150.0
MHz
TMAX
120.0
MHz
LSBW
-3dB Bandwidth
(VOUT < 5.0VPP)
AV = +5
All
35.0
50.0
MHz
Gain Flatness
GFPL
Peaking
VOUT < 0.5VPP
< 40MHz
25°C
0.0
0.3
dB
TMIN, TMAX
0.4
dB
GFPH
Peaking
VOUT < 0.5VPP
> 40MHz
25°C
0.0
0.5
dB
TMIN, TMAX
0.7
dB
GFR
Rolloff
VOUT < 0.5VPP
< 75MHz
25°C
0.6
1.0
dB
TMIN
1.0
dB
TMAX
1.3
dB
LPD
Linear Phase Deviation
VOUT < 0.5VPP
< 75MHz
25°C, TMIN
0.2
1.0
°
TMAX
1.2
°
Time-Domain
Response
tR1, tF1 Rise Time, Fall Time
0.5V Step
25°C, TMIN
1.6
2.4
ns
TMAX
2.9
ns
tR2, tF2 Rise Time, Fall Time
5.0V Step
All
6.5
10.0
ns
tS1
Settling Time to 0.1%
2.0V Step
All
10.0
13.0
ns
tS2
Settling Time to 0.05%
2.0V Step
All
12.0
15.0
ns
OS
Overshoot
0.5V Step
25°C
0.0
10.0
%
TMIN, TMAX
15.0
%
SR
Slew Rate
AV = +2
All
430.0
700.0
V/µs
AV = - 2
All
1600.0
V/µs
Distortion
HD2
2nd Harmonic Distortion at
20MHz
2VPP
25°C
-60.0
-45.0
dBc
TMIN
-40.0
dBc
TMAX
-45.0
dBc
HD3
3rd Harmonic Distortion at
20MHz
2VPP
25°C
-60.0
-50.0
dBc
TMIN, TMAX
-50.0
dBc
Equivalent Input
Noise
NF
Noise Floor
> 100kHz
(Note 1)
25°C
-157.0
-154.0
dBm (1Hz)
TMIN
-154.0
dBm (1Hz)
TMAX
-153.0
dBm (1Hz)
INV
Integrated Noise
100kHz to 200MHz
(Note 1)
25°C
40.0
57.0
µV
TMIN
57.0
µV
TMAX
63.0
µV
Video Performance
dG
Differential Gain (Note 2)
NTSC/PAL
25°C
0.02
%PP
dP
Differential Phase (Note 2)
NTSC/PAL
25°C
0.01
°PP
dG
Differential Gain (Note 2)
30MHz
25°C
0.05
%PP
dP
Differential Phase (Note 2)
30MHz
25°C
0.05
°PP
VBW
-0.1dB Bandwidth (Note 2)
25°C
60.0
MHz
NOTES:
1. Noise Tests are Performed from 5MHz to 200MHz.
2. Differential Gain/Phase Tests are RL = 100. For other values of RL, see curves.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com