Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4089CS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL4089CS
Description  DC Restored Video Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4089CS Datasheet(HTML) 6 Page - Renesas Technology Corp

  EL4089CS Datasheet HTML 1Page - Renesas Technology Corp EL4089CS Datasheet HTML 2Page - Renesas Technology Corp EL4089CS Datasheet HTML 3Page - Renesas Technology Corp EL4089CS Datasheet HTML 4Page - Renesas Technology Corp EL4089CS Datasheet HTML 5Page - Renesas Technology Corp EL4089CS Datasheet HTML 6Page - Renesas Technology Corp EL4089CS Datasheet HTML 7Page - Renesas Technology Corp EL4089CS Datasheet HTML 8Page - Renesas Technology Corp EL4089CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EL4089
FN7158 Rev.0.00
Page 6 of 9
July 1998
Typical Performance Curves (Continued)
Frequency Response Flatness
vs CIN-; AV = 2; RF = 300
Differential Gain vs DC Input
Offset; AV = 2, FO = 3.58MHz,
RL = 150
Differential Phase vs DC Input
Offset; AV = 2; FO = 3.58MHz;
RL = 150
8-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
8-Lead SO
Maximum Power Dissipation
vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com