Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4331CS-T7 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL4331CS-T7
Description  Triple 2:1 Mux-Amp AV = 1
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4331CS-T7 Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL4331CS-T7 Datasheet HTML 1Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 2Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 3Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 4Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 5Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 6Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 7Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 8Page - Renesas Technology Corp EL4331CS-T7 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EL4331
FN7162 Rev 1.00
Page 3 of 10
May 12, 2004
Typical Performance Curves
ISO-AB-10M
Input to Input Isolation at 10MHz
53
dB
ISO-AB-100M
Input to Input Isolation at 100MHz
33
dB
ISO-CH-10M
Channel to Channel Isolation at 10MHz
56
dB
ISO-CH-CH-100M
Channel to Channel Isolation at 100MHz
33
dB
Pkg
Peaking with Nominal Load
0
dB
TON_PD
Power-Down Turn-On Time
150
ns
TOFF_PD
Power-Down Turn-Off Time
1
µs
AC Electrical Specifications
VCC = +5V, VEE = -0.5V, Ambient Temperature = 25°C, RL = 150 and CL = 5pF (Continued)
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
3dB Bandwidth Small Signal Transmit Response
Large Signal Transient Response
Switching a Family of DC Levels to Ground and
Back
Switching from Ground to An Uncorrelated Sine
Wave and Back
Switching Glitch, 0V to 0V with 2ns AB edges
Switching Glitch, 0V to 0V with 10ns AB Edges



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com