Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5481CS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL5481CS
Description  Quad 8ns High-Speed Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5481CS Datasheet(HTML) 7 Page - Renesas Technology Corp

  EL5481CS Datasheet HTML 1Page - Renesas Technology Corp EL5481CS Datasheet HTML 2Page - Renesas Technology Corp EL5481CS Datasheet HTML 3Page - Renesas Technology Corp EL5481CS Datasheet HTML 4Page - Renesas Technology Corp EL5481CS Datasheet HTML 5Page - Renesas Technology Corp EL5481CS Datasheet HTML 6Page - Renesas Technology Corp EL5481CS Datasheet HTML 7Page - Renesas Technology Corp EL5481CS Datasheet HTML 8Page - Renesas Technology Corp EL5481CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EL5481, EL5482
FN7199 Rev 0.00
Page 7 of 9
June 14, 2001
Pin Descriptions
14-PIN
QSOP
16-PIN SO
(0.150")
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1
1
INA-
Negative input, channel A
Circuit 1
2
2
INA+
Positive input, channel A
(Reference circuit 1)
3,10,15,22
NC
Not Connected
4
3
GND
Digital ground
5
LATCHA
Latch input, channel A
Circuit 2
6
4
OUTA
Output, channel A
Circuit 3
7
5
OUTB
Output, channel B
(Reference circuit 3)
8
LATCHB
Latch input, channel B
(Reference circuit 2)
9
6
VS-
Negative supply voltage
11
7
INB+
Positive input, channel B
(Reference circuit 1)
12
8
INB-
Negative input, channel B
(Reference circuit 1)
13
9
INC-
Negative input, channel C
(Reference circuit 1)
14
10
INC+
Positive input, channel C
(Reference circuit 1)
16
11
VSD
Digital supply voltage
17
LATCHC
Latch input, channel C
(Reference circuit 2)
18
12
OUTC
Output, channel C
(Reference circuit 3)
19
13
OUTD
Output, channel D
(Reference circuit 3)
20
LATCHD
Latch input, channel D
(Reference circuit 2)
21
14
VS+
Positive supply voltage
23
15
IND+
Positive input, channel D
(Reference circuit 1)
24
16
IND-
Negative input, channel D
(Reference circuit 1)
IN+
IN-
VS+
VS-
VSD
VS+
VS-
LATCH
VSD
VS+
VS-
OUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com