Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2008B Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ICS2008B
Description  SMPTE Time Code Receiver/Generator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS2008B Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ICS2008B Datasheet HTML 15Page - Renesas Technology Corp ICS2008B Datasheet HTML 16Page - Renesas Technology Corp ICS2008B Datasheet HTML 17Page - Renesas Technology Corp ICS2008B Datasheet HTML 18Page - Renesas Technology Corp ICS2008B Datasheet HTML 19Page - Renesas Technology Corp ICS2008B Datasheet HTML 20Page - Renesas Technology Corp ICS2008B Datasheet HTML 21Page - Renesas Technology Corp ICS2008B Datasheet HTML 22Page - Renesas Technology Corp ICS2008B Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
ICS2008B
ICS2008B
TQFP 44-PIN
PACKAGE
All dimensions in Millimeters
-HD VERSION
HEAT SLUG DOWN
L
O
B
M
Y
SL
O
B
M
Y
S
L
O
B
M
Y
S
L
O
B
M
Y
SL
O
B
M
Y
SN
I
MN
I
M N
I
M N
I
MN
I
MX
A
MX
A
M
X
A
M
X
A
MX
A
M
N
N
N
N
N4
4
A
A
A
A
A-
0
2
.
1
1
A1
A 1
A 1
A1
A5
0
.
05
1
.
0
2
A2
A 2
A 2
A2
A5
9
.
05
0
.
1
b
b
b
b
b3
.
05
4
.
0
c
c
c
c
c9
0
.
00
2
.
0
D
D
D
D
DC
I
S
A
B
0
0
.
2
1
1
D1
D 1
D 1
D1
DC
I
S
A
B
0
0
.
0
1
2
D2
D 2
D 2
D2
D.
f
e
R
0
0
.
8
E
E
E
E
EC
I
S
A
B
0
0
.
2
1
1
E1
E 1
E 1
E1
EC
I
S
A
B
0
0
.
0
1
2
E2
E 2
E 2
E2
E.
f
e
R
0
0
.
8
e
e
e
e
eC
I
S
A
B
0
8
.
0
L
L
L
L
L5
4
.
05
7
.
0
q
q
q
q
q°
0°
7
c
c
cc
c
c c
c
c c
c
cc
c
c-
8
0
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com