Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS932S401 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS932S401
Description  Programmable Timing Control Hub for Intel-based Servers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S401 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS932S401 Datasheet HTML 1Page - Renesas Technology Corp ICS932S401 Datasheet HTML 2Page - Renesas Technology Corp ICS932S401 Datasheet HTML 3Page - Renesas Technology Corp ICS932S401 Datasheet HTML 4Page - Renesas Technology Corp ICS932S401 Datasheet HTML 5Page - Renesas Technology Corp ICS932S401 Datasheet HTML 6Page - Renesas Technology Corp ICS932S401 Datasheet HTML 7Page - Renesas Technology Corp ICS932S401 Datasheet HTML 8Page - Renesas Technology Corp ICS932S401 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS932S401
0921G—08/24/09
Pin Description
Pin #
PIN NAME
PIN TYPE
DESCRIPTION
1
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
2
GNDPCI
PWR
Ground pin for the PCI outputs
3
PCICLK0
OUT
PCI clock output.
4
PCICLK1
OUT
PCI clock output.
5
PCICLK2
OUT
PCI clock output.
6
PCICLK3
OUT
PCI clock output.
7
GNDPCI
PWR
Ground pin for the PCI outputs
8
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
9
PCICLK_F0
OUT
Free running PCI clock not affected by PCI_STOP# .
10
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
11
PCICLK_F2
OUT
Free running PCI clock not affected by PCI_STOP# .
12
VDD48
PWR
Power pin for the 48MHz output.3.3V
13
48MHz
OUT
48MHz clock output.
14
GND48
PWR
Ground pin for the 48MHz outputs
15
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
16
SRCCLKT0
OUT
True clock of differential SRC clock pair.
17
SRCCLKC0
OUT
Complement clock of differential SRC clock pair.
18
SRCCLKC1
OUT
Complement clock of differential SRC clock pair.
19
SRCCLKT1
OUT
True clock of differential SRC clock pair.
20
GNDSRC
PWR
Ground pin for the SRC outputs
21
SRCCLKT2
OUT
True clock of differential SRC clock pair.
22
SRCCLKC2
OUT
Complement clock of differential SRC clock pair.
23
SRCCLKC3
OUT
Complement clock of differential SRC clock pair.
24
SRCCLKT3
OUT
True clock of differential SRC clock pair.
25
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
26
SRCCLKT4
OUT
True clock of differential SRC clock pair.
27
SRCCLKC4
OUT
Complement clock of differential SRC clock pair.
28
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com