| Electronic Components Datasheet Search |
|
RX66N Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX66N Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 175 page ![]() RX66N Group 1. Overview R01DS0344EJ0111 Rev.1.11 Page 21 of 175 Feb 26, 2021 Serial communications interface (SCIh) Asynchronous mode/clock synchronous mode SCK12 I/O Input/output pin for the clock RXD12 Input Input pin for received data TXD12 Output Output pin for transmitted data CTS12# Input Input pin for controlling the start of transmission and reception RTS12# Output Output pin for controlling the start of transmission and reception Simple I2C mode SSCL12 I/O Input/output pin for the I2C clock SSDA12 I/O Input/output pin for the I2C data Simple SPI mode SCK12 I/O Input/output pin for the clock SMISO12 I/O Input/output pin for slave transmission of data SMOSI12 I/O Input/output pin for master transmission of data SS12# Input Chip-select input pin Extended serial mode RXDX12 Input Input pin for received data TXDX12 Output Output pin for transmitted data SIOX12 I/O Input/output pin for received or transmitted data Serial communications interface (SCIi) Asynchronous mode/clock synchronous mode SCK7 to SCK11 I/O Input/output pins for the clock RXD7 to RXD11 Input Input pins for received data TXD7 to TXD11 Output Output pins for transmitted data CTS7# to CTS11# Input Input pins for controlling the start of transmission and reception RTS7# to RTS11# Output Output pins for controlling the start of transmission and reception Simple I2C mode SSCL7 to SSCL11 I/O Input/output pins for the I2C clock SSDA7 to SSDA11 I/O Input/output pins for the I2C data Simple SPI mode SCK7 to SCK11 I/O Input/output pins for the clock SMISO7 to SMISO11 I/O Input/output pins for slave transmission of data SMOSI7 to SMOSI11 I/O Input/output pins for master transmission of data SS7# to SS11# Input Chip-select input pins I2C bus interface SCL0[FM+], SCL1, SCL2, SCL2-DS I/O Input/output pins for clocks. Bus can be directly driven by the N-channel open drain SDA0[FM+], SDA1, SDA2, SDA2-DS I/O Input/output pins for data. Bus can be directly driven by the N-channel open drain Table 1.4 Pin Functions (4/8) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |