Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDLN050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDLN050
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050 Datasheet(HTML) 1 Page - STMicroelectronics

  LDLN050 Datasheet HTML 1Page - STMicroelectronics LDLN050 Datasheet HTML 2Page - STMicroelectronics LDLN050 Datasheet HTML 3Page - STMicroelectronics LDLN050 Datasheet HTML 4Page - STMicroelectronics LDLN050 Datasheet HTML 5Page - STMicroelectronics LDLN050 Datasheet HTML 6Page - STMicroelectronics LDLN050 Datasheet HTML 7Page - STMicroelectronics LDLN050 Datasheet HTML 8Page - STMicroelectronics LDLN050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DFN8 (3 x 3 mm)
Features
Input voltage range: 2.7 V to 6.5 V
Very low output voltage noise: 13 µVRMS/VOUT
Low quiescent current: 48 µA typical
500 mA guaranteed output current
Fast start-up time: 50 µs
High PSRR: 65 dB at 100 Hz
-40 °C to 125 °C ambient operative temperature range
Very low dropout: 190 mV at max. IOUT
Adjustable (from 1.25 V to 6 V) or fixed output voltage on request (from 1.0 V to
4.3 V)
Stable with low ESR capacitor: min. 2 µF
Current limit and thermal protections
DFN8 (3 x 3 mm) standard for industrial
Application
Low noise POL
Wireless communication
Industrial applications
Description
The LDLN050 is a 500 mA LDO regulator, designed to be used in several
environments. The LDLN050 has a very low-resistance pass element (PMOS) that
is even very fast during the turn-on.
Thanks to its low-noise design, the LDLN050 can be used to supply noise sensitive
circuits such as sensors, MCUs and wireless ICs in industrial applications.
The LDO low current consumption (typically 48 µA) is also used on battery-supplied
applications.
On the adjustable version, the output voltage can be set to any desired value
between 1.25 V and 6 V. Fixed voltage versions, between 1.0 V and 4.3 V (with
0.1 V step) can be provided upon request.
On the fixed voltage versions only, an external capacitor can be connected to CNR
pin to further reduce the noise on the regulated output voltage.
The LDLN050 is available in DFN8 (3 x 3 mm) package.
Maturity status link
LDLN050
500 mA, high performance low dropout linear regulator
LDLN050
Datasheet
DS12809 - Rev 4 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LDLN050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
150 mA guaranteed output current
14-Jan-2015
LDLN015PU10R STMICROELECTRONICS-LDLN015PU10R Datasheet
1Mb / 18P
150 mA guaranteed output current
14-Jan-2015
LDLN015PU12R STMICROELECTRONICS-LDLN015PU12R Datasheet
1Mb / 18P
150 mA guaranteed output current
14-Jan-2015
LDLN015PU15R STMICROELECTRONICS-LDLN015PU15R Datasheet
1Mb / 18P
150 mA guaranteed output current
14-Jan-2015
LDLN015PU18R STMICROELECTRONICS-LDLN015PU18R Datasheet
1Mb / 18P
150 mA guaranteed output current
14-Jan-2015
More results

Similar Description - LDLN050

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
500 mA Low Dropout Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
Sep-2006
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
LM2937 500 mA Low Dropout Regulator
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
500-mA Low Dropout Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
500-mA Low-Dropout Linear Regulator
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
500 mA Low Dropout Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com