Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDLN050PU33R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDLN050PU33R
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050PU33R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDLN050PU33R Datasheet HTML 3Page - STMicroelectronics LDLN050PU33R Datasheet HTML 4Page - STMicroelectronics LDLN050PU33R Datasheet HTML 5Page - STMicroelectronics LDLN050PU33R Datasheet HTML 6Page - STMicroelectronics LDLN050PU33R Datasheet HTML 7Page - STMicroelectronics LDLN050PU33R Datasheet HTML 8Page - STMicroelectronics LDLN050PU33R Datasheet HTML 9Page - STMicroelectronics LDLN050PU33R Datasheet HTML 10Page - STMicroelectronics LDLN050PU33R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
UVLO
Undervoltage lockout
VIN rising
1.9
2.2
2.65
V
VHYS
UVLO Hysteresis
VIN falling
0.07
V
Top
Operating ambient
temperature range
-40
125
°C
TSD
Thermal shutdown
temperature
High temp threshold
165
°C
Thermal hysteresis
20
1. Minimum VIN = VOUT + VDO or 2.7 V, whichever is greater.
2. Input voltage = VOUTNOM - 100 mV. This specification does not apply to VOUTNOM < 2.8 V.
LDLN050
Electrical characteristics
DS12809 - Rev 4
page 7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com