Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA25600B Datasheet(PDF) 7 Page - STMicroelectronics

Part # BTA25600B
Description  800 V and 600 V, 25 A standard Triacs in RD91 package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA25600B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BTA25600B Datasheet HTML 2Page - STMicroelectronics BTA25600B Datasheet HTML 3Page - STMicroelectronics BTA25600B Datasheet HTML 4Page - STMicroelectronics BTA25600B Datasheet HTML 5Page - STMicroelectronics BTA25600B Datasheet HTML 6Page - STMicroelectronics BTA25600B Datasheet HTML 7Page - STMicroelectronics BTA25600B Datasheet HTML 8Page - STMicroelectronics BTA25600B Datasheet HTML 9Page - STMicroelectronics BTA25600B Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Table 6. RD91 mechanical data
Ref.
Dimensions
mm
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
40.00
1.575
A1
30.10
30.30
1.185
1.193
A2
22.00
0.867
B
27.00
1.063
B1
13.50
16.50
0.531
0.650
B2
24.00
0.945
C
14.00
0.552
C1
3.50
0.138
C2
1.90
2.10
0.074
0.083
E
6.10
6.50
0.240
0.256
E2
4.80
5.20
0.188
0.205
E3
0.70
0.90
0.027
0.036
F
4.00
4.30
0.157
0.170
I
11.20
11.60
0.440
0.536
L1
3.10
3.50
0.122
0.138
L2
1.70
1.90
0.066
0.075
N1
33°
43°
33°
43°
N2
28°
38°
28°
38°
1. Inches given for reference only
BTA25
RD91 package information
DS13703 - Rev 1
page 7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com