Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M02-DR Datasheet(PDF) 21 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M95M02-DR_V01 Datasheet HTML 17Page - STMicroelectronics M95M02-DR_V01 Datasheet HTML 18Page - STMicroelectronics M95M02-DR_V01 Datasheet HTML 19Page - STMicroelectronics M95M02-DR_V01 Datasheet HTML 20Page - STMicroelectronics M95M02-DR_V01 Datasheet HTML 21Page - STMicroelectronics M95M02-DR_V01 Datasheet HTML 22Page - STMicroelectronics M95M02-DR_V01 Datasheet HTML 23Page - STMicroelectronics M95M02-DR_V01 Datasheet HTML 24Page - STMicroelectronics M95M02-DR_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
6.6.1
Cycling with error correction code (ECC x4)
M95M02-D devices offer an error correction code (ECC), an internal logic function transparent for the SPI
communication protocol.
The ECC logic is implemented on each group of four EEPROM bytes. (A group of four bytes is located at
addresses [4*N, 4*N+1, 4*N+2, 4*N+3], where N is an integer). Inside a group, if a single bit out of the four bytes
happens to be erroneous during a read operation, the ECC detects this bit and replaces it with the correct value.
The read reliability is therefore much improved.
Even if the ECC function is performed on groups of four bytes, a single byte can be written/cycled independently.
In this case, the ECC function also writes/cycles the three other bytes located in the same group. As a
consequence, the maximum cycling budget is defined at group level and the cycling can be distributed over
the four bytes of the group: the sum of the cycles seen by byte0, byte1, byte2 and byte3 of the same group must
remain below the maximum value defined in Table 11. Cycling performance by groups of four bytes.
M95M02-DR M95M02-DF
Write to memory array (WRITE)
DS7024 - Rev 13
page 21/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com