Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M02-DR Datasheet(PDF) 11 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M95M02-DR Datasheet HTML 7Page - STMicroelectronics M95M02-DR Datasheet HTML 8Page - STMicroelectronics M95M02-DR Datasheet HTML 9Page - STMicroelectronics M95M02-DR Datasheet HTML 10Page - STMicroelectronics M95M02-DR Datasheet HTML 11Page - STMicroelectronics M95M02-DR Datasheet HTML 12Page - STMicroelectronics M95M02-DR Datasheet HTML 13Page - STMicroelectronics M95M02-DR Datasheet HTML 14Page - STMicroelectronics M95M02-DR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
6
Instructions
Each command is composed of bytes (MSB bit transmitted first), initiated with the instruction byte, as summarized
in Table 4.
If an invalid instruction is sent (one not contained in Table 4), the device automatically enters in a wait state until
deselected.
Table 4. Instruction set
Instruction
Description
Instruction format
WREN
Write enable
0000 0110
WRDI
Write disable
0000 0100
RDSR
Read status register
0000 0101
WRSR
Write status register
0000 0001
READ
Read from memory array
0000 0011
WRITE
Write to memory array
0000 0010
RDID
Read identification page
1000 0011
WRID
Write identification page
1000 0010
RDLS
Read identification page lock status
1000 0011
LID
Lock identification page in read-only mode
1000 0010
For read and write commands to the memory array and identification page the address is defined by three bytes
as explained in Table 5.
Table 5. Significant bits within the address bytes
Instruction(1)(2)
Upper address byte
Middle address byte
Lower address byte
b23 b22 b21 b20 b19 b18 b17 b16 b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0
READ
or WRITE
X
X
X
X
X
X
A17 A16 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
RDID
or WRID
X
X
X
X
X
X
X
X
X
X
X
X
X
0
X
X A7 A6 A5 A4 A3 A2 A1 A0
RDLS
or LID
X
X
X
X
X
X
X
X
X
X
X
X
X
1
X
X
X
X
X
X
X
X
X
X
1. A: Significant address bit
2. X: Don't Care bit
M95M02-DR M95M02-DF
Instructions
DS7024 - Rev 13
page 11/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com