Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M02-DF Datasheet(PDF) 16 Page - STMicroelectronics

Part # M95M02-DF
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95M02-DF Datasheet HTML 12Page - STMicroelectronics M95M02-DF Datasheet HTML 13Page - STMicroelectronics M95M02-DF Datasheet HTML 14Page - STMicroelectronics M95M02-DF Datasheet HTML 15Page - STMicroelectronics M95M02-DF Datasheet HTML 16Page - STMicroelectronics M95M02-DF Datasheet HTML 17Page - STMicroelectronics M95M02-DF Datasheet HTML 18Page - STMicroelectronics M95M02-DF Datasheet HTML 19Page - STMicroelectronics M95M02-DF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
6.4
Write status register (WRSR)
The write dtatus register (WRSR) instruction is used to write new values to the status register. Before it can be
accepted, a write enable (WREN) instruction must have been previously executed.
The write Status register (WRSR) instruction is entered by driving chip select (S) low, followed by the instruction
code, the data byte on serial data input (D) and chip select (S) driven high. Chip select (S) must be driven high
after the rising edge of serial clock (C) that latches in the eighth bit of the data byte, and before the next rising
edge of serial clock (C). Otherwise, the write status register (WRSR) instruction is not executed.
The instruction sequence is shown in Figure 12.
Figure 12. Write status register (WRSR) sequence
C
D
S
2
1
3
4
5
6
7
8
9 10
11 12 13 14 15
Instruction
0
MS47556V1
Q
Status Register In
High impedance
MSB
7
6
5
4
3
2
1
0
Driving the chip select (S) signal high at a byte boundary of the input data triggers the self-timed write cycle that
takes tW to complete (as specified in AC tables in Section 9 DC and AC parameters).
While the write status register cycle is in progress, the status register may still be read to check the value of the
write in progress (WIP) bit: the WIP bit is 1 during the self-timed write cycle tW, and 0 when the write cycle is
complete. The WEL bit (Write enable latch) is also reset at the end of the write cycle tW.
The write status register (WRSR) instruction enables the user to change the values of the BP1, BP0 and SRWD
bits:
The block protect (BP1, BP0) bits define the size of the area that is to be treated as read-only, as defined in
Table 3. Write-protected block size.
The SRWD (status register write disable) bit, in accordance with the signal read on the write protect pin
(W), enables the user to set or reset the write protection mode of the status register itself, as defined in
Table 6. When in write-protected mode, the write status register (WRSR) instruction is not executed.
The contents of the SRWD and BP1, BP0 bits are updated after the completion of the WRSR instruction, including
the tW write cycle.
The write status register (WRSR) instruction has no effect on the b6, b5, b4, b1, b0 bits in the status register. Bits
b6, b5, b4 are always read as 0.
Table 6. Protection modes
W
signal
SRWD
bit
Mode
Write protection of the Status register
Memory content
Protected area(1) Unprotected area(1)
1
0
Software-
protected
(SPM)
Status register is writable (if the WREN
instruction has set the WEL bit).
The values in the BP1 and BP0 bits can be
changed.
Write
‑protected
Ready to accept
write instructions
0
0
1
1
0
1
Hardware-
protected
(HPM)
Status register is hardware write-protected.
The values in the BP1 and BP0 bits cannot
be changed.
Write
‑protected
Ready to accept
write instructions
1. As defined by the values in the Block protect (BP1, BP0) bits of the Status register. See Table 3. Write-protected block size.
M95M02-DR M95M02-DF
Write status register (WRSR)
DS7024 - Rev 13
page 16/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com