Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M02-DFMN6P/K Datasheet(PDF) 18 Page - STMicroelectronics

Part # M95M02-DFMN6P/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFMN6P/K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M95M02-DFMN6P/K Datasheet HTML 14Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 15Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 16Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 17Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 18Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 19Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 20Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 21Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
6.5
Read from memory array (READ)
As shown in Figure 13, to send this instruction to the device, chip select (S) is first driven low. The bits of the
instruction byte and address bytes are then shifted in, on serial data input (D). The address is loaded into an
internal address register, and the byte of data at that address is shifted out, on serial data output (Q).
Figure 13. Read from memory array (READ) sequence
If chip select (S) continues to be driven low, the internal address register is incremented automatically, and the
byte of data at the new address is shifted out.
When the highest address is reached, the address counter rolls over to zero, allowing the read cycle to be
continued indefinitely. The whole memory can, therefore, be read with a single READ instruction.
The read cycle is terminated by driving chip select (S) high. The rising edge of the chip select (S) signal can occur
at any time during the cycle.
The instruction is not accepted, and is not executed, if a write cycle is currently in progress.
M95M02-DR M95M02-DF
Read from memory array (READ)
DS7024 - Rev 13
page 18/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com