Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M02-DFMN5TP/K Datasheet(PDF) 17 Page - STMicroelectronics

Part # M95M02-DFMN5TP/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFMN5TP/K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M95M02-DFMN5TP/K Datasheet HTML 13Page - STMicroelectronics M95M02-DFMN5TP/K Datasheet HTML 14Page - STMicroelectronics M95M02-DFMN5TP/K Datasheet HTML 15Page - STMicroelectronics M95M02-DFMN5TP/K Datasheet HTML 16Page - STMicroelectronics M95M02-DFMN5TP/K Datasheet HTML 17Page - STMicroelectronics M95M02-DFMN5TP/K Datasheet HTML 18Page - STMicroelectronics M95M02-DFMN5TP/K Datasheet HTML 19Page - STMicroelectronics M95M02-DFMN5TP/K Datasheet HTML 20Page - STMicroelectronics M95M02-DFMN5TP/K Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
The protection features of the device are summarized in Table 6.
When the status register write disable (SRWD) bit in the status register is 0 (its initial delivery state), it is possible
to write to the status register (provided that the WEL bit has previously been set by a WREN instruction),
regardless of the logic level applied on the write protect (W) input pin.
When the status register write disable (SRWD) bit in the Status register is set to 1, two cases should be
considered, depending on the state of the write protect (W) input pin:
•
If write protect (W) is driven high, it is possible to write to the status register (provided that the WEL bit has
previously been set by a WREN instruction).
•
If write protect (W) is driven low, it is not possible to write to the status register even if the WEL bit has
previously been set by a WREN instruction. (attempts to write to the status register are rejected, and are
not accepted for execution). As a consequence, all the data bytes in the memory area, which are software-
protected (SPM) by the block protect (BP1, BP0) bits in the status register, are also hardware-protected
against data modification.
Regardless of the order of the two events, the hardware-protected mode (HPM) can be entered by:
•
either setting the SRWD bit after driving the write protect (W) input pin low,
•
or driving the write protect (W) input pin low after setting the SRWD bit.
Once the hardware-protected mode (HPM) has been entered, the only way of exiting it is to pull high the write
protect (W) input pin.
If the write protect (W) input pin is permanently tied high, the hardware-protected mode (HPM) can never be
activated, and only the software-protected mode (SPM), using the block protect (BP1, BP0) bits in the status
register, can be used.
M95M02-DR M95M02-DF
Write status register (WRSR)
DS7024 - Rev 13
page 17/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com