Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA892 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BA892
Description  Band-switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA892 Datasheet(HTML) 2 Page - NXP Semiconductors

  BA892 Datasheet HTML 1Page - NXP Semiconductors BA892 Datasheet HTML 2Page - NXP Semiconductors BA892 Datasheet HTML 3Page - NXP Semiconductors BA892 Datasheet HTML 4Page - NXP Semiconductors BA892 Datasheet HTML 5Page - NXP Semiconductors BA892 Datasheet HTML 6Page - NXP Semiconductors BA892 Datasheet HTML 7Page - NXP Semiconductors BA892 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 May 08
2
Philips Semiconductors
Preliminary specification
Band-switching diode
BA892
FEATURES
• Small plastic SMD package
• Low diode capacitance
• Low diode forward resistance
• Small inductance.
APPLICATIONS
• Low loss band-switching in VHF television tuners
• Surface mount band-switching circuits.
DESCRIPTION
Planar, high performance band-switch diode in a small
SMD plastic package (SOD523).
PINNING SOD523
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1 Simplified outline.
Marking code: 5.
halfpage
12


Top view
MBK124
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS.
MIN.
MAX.
UNIT
VR
continuous reverse voltage
35
V
IF
continuous forward current
100
mA
Ptot
total power dissipation
TS =90 °C
715
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com