Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5013 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA5013
Description  PC Add-On Multimedia Boards
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5013 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA5013 Datasheet HTML 6Page - Renesas Technology Corp HA5013 Datasheet HTML 7Page - Renesas Technology Corp HA5013 Datasheet HTML 8Page - Renesas Technology Corp HA5013 Datasheet HTML 9Page - Renesas Technology Corp HA5013 Datasheet HTML 10Page - Renesas Technology Corp HA5013 Datasheet HTML 11Page - Renesas Technology Corp HA5013 Datasheet HTML 12Page - Renesas Technology Corp HA5013 Datasheet HTML 13Page - Renesas Technology Corp HA5013 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
FIGURE 36. INPUT BIAS CURRENT CHANGE BETWEEN
CHANNELS vs TEMPERATURE
FIGURE 37. CHANNEL SEPARATION vs FREQUENCY
FIGURE 38. DISABLE FEEDTHROUGH vs FREQUENCY
FIGURE 39. TRANSIMPEDANCE vs FREQUENCY
FIGURE 40. TRANSIMPEDENCE vs FREQUENCY
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC,
Unless Otherwise Specified (Continued)
-60
-40
-20
1.5
1.0
0.5
0.0
TEMPERATURE (oC)
40
60
80
100
120
140
20
0
-30
-40
-50
-60
-70
-80
0.1
1
10
30
FREQUENCY (MHz)
AV = +1
VOUT = 2VP-P
-20
-40
-50
-60
-70
-80
0.1
1
10
20
FREQUENCY (MHz)
-30
-10
0
DISABLE = 0V
VIN = 5VP-P
RF = 750Ω
-135
-90
-45
0
45
90
135
180
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
100
RL = 100Ω
FREQUENCY (MHz)
-135
-90
-45
0
45
90
135
180
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
100
RL = 400Ω
FREQUENCY (MHz)
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com