Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HA5022
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HA5022 Datasheet HTML 7Page - Renesas Technology Corp HA5022 Datasheet HTML 8Page - Renesas Technology Corp HA5022 Datasheet HTML 9Page - Renesas Technology Corp HA5022 Datasheet HTML 10Page - Renesas Technology Corp HA5022 Datasheet HTML 11Page - Renesas Technology Corp HA5022 Datasheet HTML 12Page - Renesas Technology Corp HA5022 Datasheet HTML 13Page - Renesas Technology Corp HA5022 Datasheet HTML 14Page - Renesas Technology Corp HA5022 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HA5022
FN3392 Rev.7.00
Page 11 of 16
May 2003
FIGURE 17. BANDWIDTH vs FEEDBACK RESISTANCE
FIGURE 18. SMALL SIGNAL OVERSHOOT vs LOAD
RESISTANCE
FIGURE 19. DIFFERENTIAL GAIN vs SUPPLY VOLTAGE
FIGURE 20. DIFFERENTIAL PHASE vs SUPPLY VOLTAGE
FIGURE 21. DISTORTION vs FREQUENCY
FIGURE 22. REJECTION RATIOS vs FREQUENCY
Typical Performance Curves VSUPPLY = 5V, AV = +1, RF = 1k, RL = 400 TA = 25oC, Unless Otherwise Specified (Continued)
80
60
40
20
0
200
350
500
650
800
950
FEEDBACK RESISTOR (
)
VOUT = 0.2VP-P
CL = 10pF
AV = +10
LOAD RESISTANCE (
)
0
200
400
600
800
1000
16
6
0
VOUT = 0.1VP-P
CL = 10pF
VSUPPLY = 5V, AV = +2
VSUPPLY = 15V, AV = +1
VSUPPLY = 5V, AV = +1
VSUPPLY = 15V, AV = +2
12
SUPPLY VOLTAGE (
V)
3
5
7
9
11
13
15
0.10
0.08
0.06
0.04
0.02
0.00
FREQUENCY = 3.58MHz
RL = 75
RL = 150
RL = 1k
0.08
0.06
0.04
0.02
0.00
3
5
7
9
11
13
15
SUPPLY VOLTAGE (
V)
RL = 1k
RL = 75
RL = 150
FREQUENCY = 3.58MHz
-40
-50
-60
-70
-80
-90
0.3
1
10
FREQUENCY (MHz)
VOUT = 2.0VP-P
CL = 30pF
HD3
HD2
3RD ORDER IMD
HD2
HD3
FREQUENCY (MHz)
0
-10
-20
-30
-40
-50
-60
-70
-80
0.001
0.01
0.1
1
10
30
AV = +1
CMRR
POSITIVE PSRR
NEGATIVE PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com